Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48SL05020NRFA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # Q48SL05020NRFA
Description  Delphi Series Q48SL, 100W Quarter Brick Family DC/DC Power Modules: 48V in, 1.5V/35A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SL05020NRFA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button Q48SL05020NRFA Datasheet HTML 5Page - Delta Electronics, Inc. Q48SL05020NRFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48SL05020NRFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48SL05020NRFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48SL05020NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Q48SL05020NRFA Datasheet HTML 10Page - Delta Electronics, Inc. Q48SL05020NRFA Datasheet HTML 11Page - Delta Electronics, Inc. Q48SL05020NRFA Datasheet HTML 12Page - Delta Electronics, Inc. Q48SL05020NRFA Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
FEATURES DESCRIPTIONS (CON.)
Output Voltage Adjustment (TRIM)
To increase or decrease the output voltage set point,
the modules may be connected with an external
resistor between the TRIM pin and either the
SENSE(+) or SENSE(-). The TRIM pin should be left
open if this feature is not used.
Figure 18:
Circuit configuration for trim-down (decrease
output voltage)
If the external resistor is connected between the TRIM
and SENSE (-) pins, the output voltage set point
decreases (Fig. 18). The external resistor value
required to obtain a percentage of output voltage
change △% is defined as:
()
=
k
down
Rtrim
22
.
10
%
11
.
5
Ex. When Trim-down -20%(1.5V×0.8=1.20V)
()
=
=
k
down
Rtrim
33
.
15
22
.
10
2
.
0
11
.
5
Figure 19:
Circuit configuration for trim-up (increase output
voltage)
If the external resistor is connected between the TRIM
and SENSE (+) the output voltage set point increases
(Fig. 19). The external resistor value required to obtain
a percentage output voltage change △% is defined
as:
(
)
()
+
=
k
V
V
up
Rtrim
out
22
.
10
%
11
.
5
%
%
1
11
.
5
ref
Where Vref =1.225V
Ex. When Trim-up +10%(1.5V×1.1=1.65V)
(
)
()
=
⎟⎟
×
+
×
=
k
up
Rtrim
508
.
7
22
.
10
1
.
0
11
.
5
0.1
1.225
1
.
0
1
5
.
1
11
.
5
The output voltage can be increased by both the remote
sense and the trim, however the maximum increase is
the larger of either the remote sense or the trim, not the
sum of both.
When using remote sense and trim, the output voltage
of the module is usually increased, which increases the
power output of the module with the same output
current.
Care should be taken to ensure that the maximum
output power of the module remains at or below the
maximum rated power.
DS_Q48SL1R535_01192007
10


Similar Part No. - Q48SL05020NRFA

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
Q48S08120 BEL-Q48S08120 Datasheet
1Mb / 13P
   RoHS lead-free solder and lead-solder-exempted products are available
Q48S15050 BEL-Q48S15050 Datasheet
933Kb / 13P
   RoHS lead-free solder and lead-solder-exempted products are available
Q48S25033 BEL-Q48S25033 Datasheet
937Kb / 13P
   Higher current capability at 70 쨘C than existing
Q48S30015 BEL-Q48S30015 Datasheet
1,009Kb / 13P
   Higher current capability at 70 쨘C than existing quarter-brick and 30 A half-brick converters
Q48S30018 BEL-Q48S30018 Datasheet
1,005Kb / 13P
   Higher current capability at 70 쨘C than existing quarter-brick and 30 A half-brick converters
More results

Similar Description - Q48SL05020NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R525 DELTA-E48SR1R525 Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SH1R540NRFA DELTA-E48SH1R540NRFA Datasheet
775Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SH2R535 DELTA-E48SH2R535 Datasheet
795Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH1R540 DELTA-E48SH1R540 Datasheet
771Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
H48SL1R560 DELTA-H48SL1R560 Datasheet
632Kb / 14P
   Delphi Series H48SL, 200W Half Brick Family DC/DC Power Modules: 48V in, 1.5V/60A out
E48SH2R535NRFA DELTA-E48SH2R535NRFA Datasheet
818Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
Q48SP12017NRFA DELTA-Q48SP12017NRFA Datasheet
678Kb / 13P
   Delphi Series Q48SP, 216W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/18A out
Q48SK11049 DELTA-Q48SK11049 Datasheet
332Kb / 13P
   Quarter Brick Family DC/DC Power Modules: 48V In, 11V/49A Out
Q48DR1R533NRFA DELTA-Q48DR1R533NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com