Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48SB9R650NRFC Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # Q48SB9R650NRFC
Description  Delphi Series Q48SB, 500W Bus Converter DC/DC Power Modules: 48V in, 9.6V/55A out
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SB9R650NRFC Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  Q48SB9R650NRFC Datasheet HTML 1Page - Delta Electronics, Inc. Q48SB9R650NRFC Datasheet HTML 2Page - Delta Electronics, Inc. Q48SB9R650NRFC Datasheet HTML 3Page - Delta Electronics, Inc. Q48SB9R650NRFC Datasheet HTML 4Page - Delta Electronics, Inc. Q48SB9R650NRFC Datasheet HTML 5Page - Delta Electronics, Inc. Q48SB9R650NRFC Datasheet HTML 6Page - Delta Electronics, Inc. Q48SB9R650NRFC Datasheet HTML 7Page - Delta Electronics, Inc. Q48SB9R650NRFC Datasheet HTML 8Page - Delta Electronics, Inc. Q48SB9R650NRFC Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ELECTRICAL CHARACTERISTICS CURVES
Figure 8: Output voltage response to step-change in load
current (50%-75%-50% of Io, max; di/dt = 0.1A/µs). Load cap:
10µF, tantalum capacitor and 1µF ceramic capacitor. Top Trace:
Vout (200mV/div, 200us/div), Bottom Trace: Iout (10A/div).
Scope measurement should be made using a BNC cable
(length shorter than 20 inches). Position the load between 51
mm to 76 mm (2 inches to 3 inches) from the module.
Figure 9: Output voltage response to step-change in load
current (50%-75%-50% of Io,max; di/dt=1A/µs). Load cap:
10uF, tantalum capacitor and 1µF ceramic capacitor. Top Trace:
Vout (200mV/div, 200us/div), Bottom Trace: Iout (10A/div).
Scope measurement should be made using a BNC cable
(length shorter than 20 inches). Position the load between 51
mm to 76 mm (2 inches to 3 inches) from the module.
Figure 10: Test set-up diagram showing measurement points
for Input Terminal Ripple Current and Input Reflected Ripple
Current.
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12 µH. Capacitor Cs offset
possible battery impedance. Measure current as shown below
Figure 11: Input Terminal Ripple Current, ic, at full rated output
current and nominal input voltage with 12µH source impedance
and 47µF electrolytic capacitor (1A/div, 2us/div).
Vin+
Vin-
is
ic
100uF,
ESR=0.2 ohm @
25oC 100KHz
Cs: 220uF
+
+
Vin+
Vin-
is
ic
100uF,
ESR=0.2 ohm @
25oC 100KHz
Cs: 220uF
+
+
+
+
DS_Q48SB9R650_07102006
5


Similar Part No. - Q48SB9R650NRFC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SB10828NKFA DELTA-Q48SB10828NKFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Q48SB10828NKFH DELTA-Q48SB10828NKFH Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Q48SB10828NNFA DELTA-Q48SB10828NNFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Q48SB10828NNFH DELTA-Q48SB10828NNFH Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Q48SB10828NRFA DELTA-Q48SB10828NRFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
More results

Similar Description - Q48SB9R650NRFC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SB10828NRFA DELTA-Q48SB10828NRFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
E48SB9R625 DELTA-E48SB9R625 Datasheet
520Kb / 11P
   Delphi Series E48SB, 240W Eighth Brick Bus Converter DC/DC Power Modules: 48Vin, 9.6V/25A out
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SP12020NRFB DELTA-E48SP12020NRFB Datasheet
472Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com