Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48SB10828NKFA Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # Q48SB10828NKFA
Description  Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SB10828NKFA Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button Q48SB10828NKFA Datasheet HTML 2Page - Delta Electronics, Inc. Q48SB10828NKFA Datasheet HTML 3Page - Delta Electronics, Inc. Q48SB10828NKFA Datasheet HTML 4Page - Delta Electronics, Inc. Q48SB10828NKFA Datasheet HTML 5Page - Delta Electronics, Inc. Q48SB10828NKFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48SB10828NKFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48SB10828NKFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48SB10828NKFA Datasheet HTML 9Page - Delta Electronics, Inc. Q48SB10828NKFA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DESIGN CONSIDERATIONS
Input Source Impedance
The impedance of the input source connecting to the
DC/DC power modules will interact with the modules
and affect the stability. A low ac-impedance input source
is recommended. If the source inductance is more than
a few µH, we advise adding a 47 to 220µF electrolytic
capacitor (ESR < 0.5 Ω at 100 kHz) mounted close to
the input of the module to improve the stability.
Layout and EMC Considerations
Delta’s DC/DC power modules are designed to operate
in a wide variety of systems and applications. For design
assistance with EMC compliance and related PWB
layout issues, please contact Delta’s technical support
team. An external input filter module is available for
easier EMC compliance design. Application notes to
assist designers in addressing these issues are pending
release.
Soldering and Cleaning Considerations
Post solder cleaning is usually the final board assembly
process before the board or system undergoes electrical
testing. Inadequate cleaning and/or drying may lower the
reliability of a power module and severely affect the
finished circuit board assembly test. Adequate cleaning
and/or drying is especially important for un-encapsulated
and/or open frame type power modules. For assistance
on appropriate soldering and cleaning procedures,
please contact Delta’s technical support team.
FEATURES DESCRIPTIONS
Over-Current Protection
The modules include an internal output over-current
protection circuit, which will endure current limiting for
an unlimited duration during output overload. If the
output current exceeds the OCP set point, the modules
will automatically shut down (hiccup mode).
The modules will try to restart after shutdown. If the
overload condition still exists, the module will shut
down again. This restart trial will continue until the
overload condition is corrected.
Over-Temperature Protection
The over-temperature protection consists of circuitry
that provides protection from thermal damage. If the
temperature exceeds the over-temperature threshold
the module will shut down.
The module will try to restart after shutdown. If the
over-temperature condition still exists during restart,
the module will shut down again. This restart trial will
continue until the temperature is within specification.
Remote On/Off
The remote on/off feature on the module can be either
negative or positive logic. Negative logic turns the
module on during a logic low and off during a logic high.
Positive logic turns the modules on during a logic high
and off during a logic low.
Remote on/off can be controlled by an external switch
between the on/off terminal and the Vi(-) terminal. The
switch can be an open collector or open drain.
For negative logic if the remote on/off feature is not
used, please short the on/off pin to Vi(-). For positive
logic if the remote on/off feature is not used, please
leave the on/off pin to floating.
Vo(+)
Vi(+)
Vo(-)
Vi(-)
ON/OFF
Figure 13: Remote on/off implementation
DS_Q48SB10828_11062006
6


Similar Part No. - Q48SB10828NKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SB12040NRFA DELTA-Q48SB12040NRFA Datasheet
602Kb / 12P
   Delphi Series Q48SB, 500W Bus Converter DC/DC Power Modules: 48V in, 9.6V/55A out
More results

Similar Description - Q48SB10828NKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SB9R650NRFA DELTA-Q48SB9R650NRFA Datasheet
602Kb / 12P
   Delphi Series Q48SB, 500W Bus Converter DC/DC Power Modules: 48V in, 9.6V/55A out
E48SB9R625 DELTA-E48SB9R625 Datasheet
520Kb / 11P
   Delphi Series E48SB, 240W Eighth Brick Bus Converter DC/DC Power Modules: 48Vin, 9.6V/25A out
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
Q48SH12025 DELTA-Q48SH12025 Datasheet
392Kb / 13P
   300W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/25A out
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com