Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC-1250B4Q1T Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # LC-1250B4Q1T
Description  RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LC-1250B4Q1T Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  LC-1250B4Q1T Datasheet HTML 1Page - Delta Electronics, Inc. LC-1250B4Q1T Datasheet HTML 2Page - Delta Electronics, Inc. LC-1250B4Q1T Datasheet HTML 3Page - Delta Electronics, Inc. LC-1250B4Q1T Datasheet HTML 4Page - Delta Electronics, Inc. LC-1250B4Q1T Datasheet HTML 5Page - Delta Electronics, Inc. LC-1250B4Q1T Datasheet HTML 6Page - Delta Electronics, Inc. LC-1250B4Q1T Datasheet HTML 7Page - Delta Electronics, Inc. LC-1250B4Q1T Datasheet HTML 8Page - Delta Electronics, Inc. LC-1250B4Q1T Datasheet HTML 9Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LC-1250xxxxRx Series
DELTA ELECTRONICS, INC.
3
Sep., 2006
Rev. 0E
www.deltaww.com
Transmitter Optical Performance Specifications:
(VCC=3.135 V to 3.465 V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Supply Current
Icc
150
mA
Average Launched Power
LC-1250AxFxRx
LC-1250BxQxRx
PO
-9.5
-9.5
-4
-3
dBm
Optical extinction ratio
ER
9
dB
Center wavelength
LC-1250AxFxRx
LC-1250BxQxRx
λC
830
1274
860
1355
nm
Spectral Width
LC-1250AxFxRx (RMS)
LC-1250BxQxRx (RMS)
σ
0.85
2.8
nm
Relative Intensity Noise
RIN
-116
dB/Hz
Optical Rise/Fall Time
tr/tf
260
ps
1
Output Eye
Complies with the IEEE 802.3z/D2 specification, and is class 1
laser eye safety
Receiver Optical Performance Specifications:
(VCC=3.135 V to 3.465 V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Supply Current
Icc
120
mA
Optical input sensitivity (avg.)
LC-1250AxFxRx
LC-1250BxQxRx
PIN
-17
-19
dBm
2
Optical input saturation (avg.)
LC-1250AxFxRx
LC-1250BxQxRx
PSAT
-3
-3
dBm
Optical Wavelength
LC-1250AxFxRx
LC-1250BxQxRx
λ
830
1274
860
1355
nm
Output Data risetime
tr
0.35
ns
1
Output Data falltime
tf
0.35
ns
1
SD-Asserted Level (Avg.)
LC-1250AxFxRx
LC-1250BxQxRx
PA
-17
-19
dBm
SD-Deasserted Level (Avg.)
LC-1250AxFxRx
LC-1250BxQxRx
PD
-30
-30
dBm
Signal detect- Hysteresis
PA -PD
0.5
dB
Notes:
1.
These are unfiltered 20%~80% values.
2.
The sensitivity is provided at a BER of 1×10
-10 or better with an input signal consisting of 1250 Mb/s,


Similar Part No. - LC-1250B4Q1T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC-12 ETC1-LC-12 Datasheet
33Kb / 2P
   Magnetic Contact
logo
Sumida Corporation
LC-12 SUMIDA-LC-12 Datasheet
92Kb / 1P
   General Power Transformer
logo
LETEX TECHNOLOGY CORP.
LC-12 LETEX-LC-12 Datasheet
25Kb / 2P
   Magnetic Contact
logo
Sumida Corporation
LC-128 SUMIDA-LC-128 Datasheet
204Kb / 1P
   DC-DC CONVERTER (PIN)
LC-128 SUMIDA-LC-128 Datasheet
132Kb / 1P
   General Power Transformer
More results

Similar Description - LC-1250B4Q1T

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LCP-1250RJ3SR-S DELTA-LCP-1250RJ3SR-S Datasheet
361Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet with SGMII Interface
logo
Agilent(Hewlett-Packard...
HFBR-5710L HP-HFBR-5710L Datasheet
264Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5911LZ AVAGO-HFBR-5911LZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver for Gigabit Ethernet (1.25 GBd) and iSCSI
logo
Delta Electronics, Inc.
LCP-200A4HSR DELTA-LCP-200A4HSR Datasheet
151Kb / 9P
   RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
Infineon Technologies A...
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
logo
Delta Electronics, Inc.
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
JDS Uniphase Corporatio...
PL-KP1-00-000-06 JDSU-PL-KP1-00-000-06 Datasheet
461Kb / 6P
   RoHS-Compliant Small Form Factor Solder-Down Cage
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com