Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL34LZI Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100EL34LZI
Description  5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL34LZI Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100EL34LZI Datasheet HTML 1Page - Micrel Semiconductor SY100EL34LZI Datasheet HTML 2Page - Micrel Semiconductor SY100EL34LZI Datasheet HTML 3Page - Micrel Semiconductor SY100EL34LZI Datasheet HTML 4Page - Micrel Semiconductor SY100EL34LZI Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Precision Edge®
SY10EL34/L
SY100EL34/L
Micrel, Inc.
M9999-031006
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10EL34LZC
Z16-2
Commercial
SY10EL34LZC
Sn-Pb
SY10EL34LZCTR(2)
Z16-2
Commercial
SY10EL34LZC
Sn-Pb
SY100EL34LZC
Z16-2
Commercial
SY100EL34LZC
Sn-Pb
SY100EL34LZCTR(2)
Z16-2
Commercial
SY100EL34LZC
Sn-Pb
SY10EL34LZI
Z16-2
Industrial
SY10EL34LZI
Sn-Pb
SY10EL34LZITR(2)
Z16-2
Industrial
SY10EL34LZI
Sn-Pb
SY100EL34LZI
Z16-2
Industrial
SY100EL34LZI
Sn-Pb
SY100EL34LZITR(2)
Z16-2
Industrial
SY100EL34LZI
Sn-Pb
SY10EL34LZG(3)
Z16-2
Industrial
SY10EL34LZG with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY10EL34LZGTR(2, 3)
Z16-2
Industrial
SY10EL34LZG with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EL34LZG(3)
Z16-2
Industrial
SY100EL34LZG with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EL34LZGTR(2, 3)
Z16-2
Industrial
SY100EL34LZG with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
16-Pin Narrow SOIC (Z16-2)
VCC
EN
NC
CLK
CLK
VBB
MR
VEE
Q0
Q0
VCC
Q1
Q1
VCC
Q2
Q2
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
R
Q
÷2
Q
R
÷4
Q
÷8
R
Q D
R


Similar Part No. - SY100EL34LZI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL34LZC MICREL-SY100EL34LZC Datasheet
57Kb / 4P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY100EL34LZCTR MICREL-SY100EL34LZCTR Datasheet
57Kb / 4P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY100EL34LZG MICREL-SY100EL34LZG Datasheet
176Kb / 7P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
logo
Microchip Technology
SY100EL34LZG MICROCHIP-SY100EL34LZG Datasheet
752Kb / 14P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
02/28/20
logo
Micrel Semiconductor
SY100EL34LZGTR MICREL-SY100EL34LZGTR Datasheet
176Kb / 7P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
More results

Similar Description - SY100EL34LZI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34 Datasheet
57Kb / 4P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
logo
Microchip Technology
SY100EL34 MICROCHIP-SY100EL34 Datasheet
752Kb / 14P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
02/28/20
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34_11 Datasheet
176Kb / 7P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
logo
ON Semiconductor
MC10EL34 ONSEMI-MC10EL34_06 Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
MC100EL34 ONSEMI-MC100EL34 Datasheet
69Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
October, 2000 ??Rev. 3
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC10EL34 ONSEMI-MC10EL34 Datasheet
94Kb / 3P
   첨2,첨4,첨8 Clock Generation Chip
1996 REV 2
logo
Micrel Semiconductor
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_11 Datasheet
249Kb / 8P
   (첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com