Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48DQ3R315NRFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # Q48DQ3R315NRFA
Description  Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48DQ3R315NRFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  Q48DQ3R315NRFA Datasheet HTML 1Page - Delta Electronics, Inc. Q48DQ3R315NRFA Datasheet HTML 2Page - Delta Electronics, Inc. Q48DQ3R315NRFA Datasheet HTML 3Page - Delta Electronics, Inc. Q48DQ3R315NRFA Datasheet HTML 4Page - Delta Electronics, Inc. Q48DQ3R315NRFA Datasheet HTML 5Page - Delta Electronics, Inc. Q48DQ3R315NRFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48DQ3R315NRFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48DQ3R315NRFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48DQ3R315NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DS_Q48DW3R312_07202006
2
TECHNICAL SPECIFICATIONS (T
A=25°C, airflow rate=200 LFM, Vin=48Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
Q48DW3R312NRFA
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
80
Vdc
Transient (100ms)
<100ms
100
Vdc
Operating Temperature
Refer to Figure 27 for measuring point
-40
118
°C
Storage Temperature
-55
125
°C
Input/Output Isolation Voltage
<1 minute
1500
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
36
48
75
Vdc
Input Under-Voltage Lockout
Turn-On Voltage Threshold
33
34
35
Vdc
Turn-Off Voltage Threshold
31
32
33
Vdc
Lockout Hysteresis Voltage
1
2
3
Vdc
Maximum Input Current
1.8
A
No-Load Input Current
40
60
mA
Off Converter Input Current
5
10
mA
Inrush Current(I
2t)
0.015
A
2s
Input Reflected-Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
5
10
mA
Input Voltage Ripple Rejection
120Hz
66
dB
OUTPUT CHARACTERISTICS
Vout 1
1.200
1.240
1.260
Output Voltage Set Point
Vin=48V, Io=Io.max, Tc=25℃
Vout 2
3.300
3.330
3.360
Vdc
Output Voltage Regulation
Io1=Io, min to Io, max, Io2=0A
Vout 1
Over Load
Io2=Io, min to Io, max, Io1=0A
Vout 2
±5
±15
mV
Vout 1
Over Line
Vin=36V to 75V,Io1=Io2=full load
Vout 2
±3
±10
mV
Cross Regulation
Worse Case
±5
±15
mV
Over Temperature
Tc=-40℃ to 110℃
±15
±50
mV
Total Output Voltage Range
Over sample load, line and temperature
±30
±85
mV
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Vout 1
30
50
Peak-to-Peak
Io1, Io2 Full Load, 1µF ceramic, 10µF tantalum
Vout 2
30
50
mV
Vout 1
15
30
RMS
Io1, Io2 Full Load, 1µF ceramic, 10µF tantalum
Vout 2
15
30
mV
Vout 1
0
13
Operating Output Current Range
Vout 2
0
8
A
Vout 1
14.5
Output DC Current-Limit Inception
Vout 2
9.5
A
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
48V, 10µF Tan & 1µF Ceramic load cap, 0.1A/µs
Vout 1
100
Positive Step Change in Output Current
Iout1and Iout2 from 50% Io, max to 75% Io, max
Vout 2
100
mV
Vout 1
100
Negative Step Change in Output Current
Iout2 and Iout1 from 75% Io, max to 50% Io, max
Vout 2
100
mV
Cross dynamic
100
mV
Settling Time (within 1% Vout nominal)
100
us
Turn-On Transient
Delay Time, From On/Off Control
5
ms
Delay Time, From Input
5
ms
Start-up Time, From On/Off Control
10
ms
Start-up Time, From Input
10
ms
Full load; 5% overshoot of Vout at startup
Vout 1
10000
Maximum Output Capacitance
Vout 2
5000
µF
EFFICIENCY
100% Load
Iout1, Iout2 full load, 48vdc Vin
85.3
%
60% Load
Iout1, Iout2 60% of full load, 48vdc Vin
86.5
%
ISOLATION CHARACTERISTICS
Input to Output
<1 minute
1500
Vdc
Input to Case
Output to Case
Isolation Resistance
10
MΩ
Isolation Capacitance
2000
pF
FEATURE CHARACTERISTICS
Switching Frequency
300
kHz
ON/OFF Control, (Logic Low-Module ON)
Logic Low
Von/off at Ion/off=1.0mA
0
0.8
V
Logic High
Von/off at Ion/off=0.0 µA
18
V
ON/OFF Current
Ion/off at Von/off=0.0V
1
mA
Leakage Current
Logic High, Von/off=15V
1
mA
Output Voltage Trim Range
Just trim Vout1, Pout ≦ max rated power
-10
+10
%
Output Boltage Remoote Sense Range
No Remote Sense Function
Output Over-Voltage Protection
Over full temp range; %of nominal Vout
120
135
150
%
GENERAL SPECIFICATIONS
MTBF
Io=80% of Io, max; Ta=25°C
2.69
M hours
Weight
25
grams
Over-Temperature Shutdown
Refer to Figure 27 for measuring point
120
°C


Similar Part No. - Q48DQ3R315NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48DB12003NRFA DELTA-Q48DB12003NRFA Datasheet
623Kb / 13P
   Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, 짹12V, 2.7A Output
Q48DR1R533NRFA DELTA-Q48DR1R533NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
Q48DR1R833NRFA DELTA-Q48DR1R833NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
Q48DR2R533NRFA DELTA-Q48DR2R533NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
Q48DR3R350NRFA DELTA-Q48DR3R350NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
More results

Similar Description - Q48DQ3R315NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48DV1R533NRFA DELTA-Q48DV1R533NRFA Datasheet
561Kb / 14P
   Delphi Series Q48DV, 40W Quarter Brick, Dual Output DC/DC Power Modules
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA54001NNFH DELTA-Q48SA54001NNFH_14 Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
Q48DB12003NRFA DELTA-Q48DB12003NRFA Datasheet
623Kb / 13P
   Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, 짹12V, 2.7A Output
Q48DR1R533NRFA DELTA-Q48DR1R533NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12034NRFA DELTA-Q48SG12034NRFA_14 Datasheet
849Kb / 27P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com