Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3283 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # 3283
Description  CHOPPER-STABILIZED, PRECISION HALL-EF FECT LATCHES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3283 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button 3283 Datasheet HTML 4Page - Allegro MicroSystems 3283 Datasheet HTML 5Page - Allegro MicroSystems 3283 Datasheet HTML 6Page - Allegro MicroSystems 3283 Datasheet HTML 7Page - Allegro MicroSystems 3283 Datasheet HTML 8Page - Allegro MicroSystems 3283 Datasheet HTML 9Page - Allegro MicroSystems 3283 Datasheet HTML 10Page - Allegro MicroSystems 3283 Datasheet HTML 11Page - Allegro MicroSystems 3283 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
3280, 3281, AND 3283
CHOPPER-STABILIZED,
PRECISION
HALL-EFFECT LATCHES
www.allegromicro.com
10
PACKAGE DESIGNATOR ‘LH’
(SOT23W, fits SC-59A solder-pad layout)
NOTES: 1.
Tolerances on package height and width represent allowable mold offsets. Dimensions given are
measured at the widest point (parting line).
2.
Exact body and lead configuration at vendor’s option within limits shown.
3.
Height does not include mold gate flash.
4.
Where no tolerance is specified, dimension is nominal.
5.
Add "LT" to part number for tape and reel.
Dimensions in Inches
(for reference only)
Dimensions in Millimeters
(controlling dimensions)
Dwg. MA-011-3 in
12
0.039
0.094
0.037
0.028
3
Dwg. MA-011-3 mm
12
1.00
2.40
0.95
0.70
3
Dwg. MA-010-3D in
12
0.006
0.000
0.0079
0.0050
0.083
0.073
0.118
0.106
0.037
BSC
0.022
REF
0.020
0.012
3
0.045
0.032
0
° TO
0.010
MIN
GAUGE PLANE
SEATING PLANE
0.010
BSC
0.122
0.114
Dwg. MA-010-3D mm
12
0.15
0.00
0.20
0.127
2.10
1.85
3.00
2.70
0.95
BSC
0.55
REF
0.50
0.30
3
1.13
0.87
0
° TO
0.25
MIN
GAUGE PLANE
SEATING PLANE
0.25
BSC
3.10
2.90


Similar Part No. - 3283

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3283 ALLEGRO-3283 Datasheet
197Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
3283 ALLEGRO-3283 Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
logo
ASM GmbH
3283 ASM-SENSOR-3283 Datasheet
303Kb / 2P
   CLAMP ON LEAK HiTESTER
logo
Pomona Electronics
3283 POMONA-3283 Datasheet
25Kb / 1P
   Adapter BNC Female To Female
logo
KR Electronics, Inc.
3283 KR-3283 Datasheet
58Kb / 3P
   KR Electronics part number 3283 is a 500 MHz Bandpass filter
More results

Similar Description - 3283

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3240 ALLEGRO-3240_04 Datasheet
297Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT SWITCH
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1220 ALLEGRO-A1220_10 Datasheet
295Kb / 14P
   Chopper Stabilized Precision Hall Effect Latches
A1222EUA-T ALLEGRO-A1222EUA-T Datasheet
353Kb / 16P
   Chopper Stabilized Precision Hall Effect Latches
A3290 ALLEGRO-A3290 Datasheet
219Kb / 9P
   Chopper Stabilized, Precision Hall Effect Latches
3280 ALLEGRO-3280 Datasheet
197Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1220 ALLEGRO-A1220 Datasheet
288Kb / 13P
   Chopper Stabilized Precision Hall Effect Latches
A3283LLHLT ALLEGRO-A3283LLHLT Datasheet
584Kb / 13P
   Chopper-Stabilized, Precision Hall-Effect Latches
A1220 ALLEGRO-A1220_16 Datasheet
833Kb / 16P
   Chopper-Stabilized Precision Hall-Effect Latches
A3290 ALLEGRO-A3290_16 Datasheet
466Kb / 10P
   Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com