Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48DQ3R312NRFA Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # Q48DQ3R312NRFA
Description  Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48DQ3R312NRFA Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button Q48DQ3R312NRFA Datasheet HTML 2Page - Delta Electronics, Inc. Q48DQ3R312NRFA Datasheet HTML 3Page - Delta Electronics, Inc. Q48DQ3R312NRFA Datasheet HTML 4Page - Delta Electronics, Inc. Q48DQ3R312NRFA Datasheet HTML 5Page - Delta Electronics, Inc. Q48DQ3R312NRFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48DQ3R312NRFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48DQ3R312NRFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48DQ3R312NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Q48DQ3R312NRFA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ELECTRICAL CHARACTERISTICS CURVES
Figure 13: Output voltage response to step-change in load
current Iout2 (75%-50%-75% of Io, max; di/dt = 2.5A/µs) at
Iout1=0. Load cap: 470µF, 35m
ESR solid electrolytic
capacitor and 1µF ceramic capacitor. Ch1=Vout2 (50mV/div),
Ch2=Iout2 (5A/div), Scope measurement should be made
using a BNC cable (length shorter than 20 inches). Position
the load between 51 mm to 76 mm (2 inches to 3 inches) from
the module.
Figure 14: Output voltage response to step-change in load
current Iout1 (75%-50%-75% of Io, max; di/dt = 2.5A/µs) at
Iout2=0A, Load cap: 470µF, 35m
ESR solid electrolytic
capacitor and 1µF ceramic capacitor. Ch1=Vout1 (50mV/div),
Ch2=Iout1 (5A/div), Scope measurement should be made using a
BNC cable (length shorter than 20 inches). Position the load
between 51 mm to 76 mm (2 inches to 3 inches) from the module.
Figure 15: Output voltage response to step-change in load
current Iout2 and Iout1 (75%-50%-75% of Io, max; di/dt =
2.5A/µs). Load cap: 470µF, 35m
ESR solid electrolytic
capacitor and 1µF ceramic capacitor. Ch1=Vout1 (50mV/div),
Ch2=Iout1 (10A/div), Ch3=Vout2 (100mV/div), Ch4=Iout2
(10A/div) Scope measurement should be made using a BNC
cable (length shorter than 20 inches). Position the load
between 51 mm to 76 mm (2 inches to 3 inches) from the
module.
Figure 16: Test set-up diagram showing measurement points for
Input Terminal Ripple Current and Input Reflected Ripple Current.
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12 µH. Capacitor Cs offset possible
battery impedance. Measure current as shown above.
DS_Q48DW3R312_07202006
6


Similar Part No. - Q48DQ3R312NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48DB12003NRFA DELTA-Q48DB12003NRFA Datasheet
623Kb / 13P
   Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, 짹12V, 2.7A Output
Q48DR1R533NRFA DELTA-Q48DR1R533NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
Q48DR1R833NRFA DELTA-Q48DR1R833NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
Q48DR2R533NRFA DELTA-Q48DR2R533NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
Q48DR3R350NRFA DELTA-Q48DR3R350NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
More results

Similar Description - Q48DQ3R312NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48DV1R533NRFA DELTA-Q48DV1R533NRFA Datasheet
561Kb / 14P
   Delphi Series Q48DV, 40W Quarter Brick, Dual Output DC/DC Power Modules
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA54001NNFH DELTA-Q48SA54001NNFH_14 Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
Q48DB12003NRFA DELTA-Q48DB12003NRFA Datasheet
623Kb / 13P
   Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, 짹12V, 2.7A Output
Q48DR1R533NRFA DELTA-Q48DR1R533NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12034NRFA DELTA-Q48SG12034NRFA_14 Datasheet
849Kb / 27P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com