Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48SB10828NRFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # Q48SB10828NRFA
Description  Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SB10828NRFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  Q48SB10828NRFA Datasheet HTML 1Page - Delta Electronics, Inc. Q48SB10828NRFA Datasheet HTML 2Page - Delta Electronics, Inc. Q48SB10828NRFA Datasheet HTML 3Page - Delta Electronics, Inc. Q48SB10828NRFA Datasheet HTML 4Page - Delta Electronics, Inc. Q48SB10828NRFA Datasheet HTML 5Page - Delta Electronics, Inc. Q48SB10828NRFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48SB10828NRFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48SB10828NRFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48SB10828NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FEATURES
High Efficiency: 95.5% @9.6V/31A
Standard footprint: 57.9 x 36.8 x 12.7mm
(2.28”x1.45”x0.5”)
Industry standard pin out
Fully protected:OTP, OCP, Input OVP, UVLO
2250V isolation
Basic insulation
No minimum load required
Current sharing
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing facility
UL/cUL 60950 (US & Canada), and TUV
(EN60950) Certified
CE mark meets 73/23/EEC and +3/68/EEC
directives
Delphi Series Q48SB, 300W Bus Converter
DC/DC Power Modules: 48V in, 9.6V/31A out
The Delphi Series Q48SB, 48V input, single output, quarter brick, 300W bus
converters are the latest offering from a world leader in power systems
technology and manufacturing — Delta Electronics, Inc. This product family
supports intermediate bus architectures and powers multiple downstream
non-isolated point-of-load (POL) converters. The Delphi Series Q48SB
operates from a nominal 48V input and provides up to 300W of power or up
to 31A of output current in an industry standard quarter brick footprint. The
Q48SB product currently supports two input ranges: the Q48SB120 features
an input voltage range of 42V to 53V and provides 4:1 unregulated output of
12V at 20A or 25A. The Q48SB108 features a wider input voltage range of
36V to 60V and provides 5:1 unregulated output of 9.6V at up to 31A.
Typical efficiency for the 9.6V/31A or 10.8V/28A module is 95.5%. With
optimized component placement, creative design topology, and numerous
patented technologies, the Q48SB bus converter delivers outstanding
electrical and thermal performance. An optional heatsink is available for
harsh thermal requirements.
OPTIONS
Positive On/Off logic
Short pin lengths
Heatsink available for extended
operation
APPLICATIONS
Datacom / Networking
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Testing Equipment
DATASHEET
DS_Q48SB10828_11062006


Similar Part No. - Q48SB10828NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SB12040NRFA DELTA-Q48SB12040NRFA Datasheet
602Kb / 12P
   Delphi Series Q48SB, 500W Bus Converter DC/DC Power Modules: 48V in, 9.6V/55A out
More results

Similar Description - Q48SB10828NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SB9R650NRFA DELTA-Q48SB9R650NRFA Datasheet
602Kb / 12P
   Delphi Series Q48SB, 500W Bus Converter DC/DC Power Modules: 48V in, 9.6V/55A out
E48SB9R625 DELTA-E48SB9R625 Datasheet
520Kb / 11P
   Delphi Series E48SB, 240W Eighth Brick Bus Converter DC/DC Power Modules: 48Vin, 9.6V/25A out
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
Q48SH12025 DELTA-Q48SH12025 Datasheet
392Kb / 13P
   300W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/25A out
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com