Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPT-155A2H4A Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # OPT-155A2H4A
Description  155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

OPT-155A2H4A Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  OPT-155A2H4A Datasheet HTML 1Page - Delta Electronics, Inc. OPT-155A2H4A Datasheet HTML 2Page - Delta Electronics, Inc. OPT-155A2H4A Datasheet HTML 3Page - Delta Electronics, Inc. OPT-155A2H4A Datasheet HTML 4Page - Delta Electronics, Inc. OPT-155A2H4A Datasheet HTML 5Page - Delta Electronics, Inc. OPT-155A2H4A Datasheet HTML 6Page - Delta Electronics, Inc. OPT-155A2H4A Datasheet HTML 7Page - Delta Electronics, Inc. OPT-155A2H4A Datasheet HTML 8Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
OPT-155Axxxx
DELTA ELECTRONICS, INC.
5
www.deltaww.com
Sep., 2006
Rev.:0E
Recommend Circuit Schematic for Internal DC Coupled Transceivers
98
7654
321
R10
R5
R6
R9
R8
R7
R1
R4
R3
R2
TX-VCC
C5
TX-VCC
TD+
TD-
RD+
RD-
SD
RX-VCC
C3
RX-VCC
TX-GND
RX-GND
Transceiver Top Niew
C3
C1
C4
C2
L1
L2
VCC
TX-VCC
RX-VCC
R1=R3=R5=R7=R9=130 Ohm (3.3V), 82 Ohm (5V)
R2=R4=R6=R8=R10=82 Ohm (3.3V), 130 Ohm (5V)
C1=C2=C3=C5=C6=0.1 uF
C4=10 uF
L1=L2=1 uH or ferrite inductor


Similar Part No. - OPT-155A2H4A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPT-155A2H1 ETC-OPT-155A2H1 Datasheet
102Kb / 5P
   155Mbps, 2Km, 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155A2H1A ETC-OPT-155A2H1A Datasheet
102Kb / 5P
   155Mbps, 2Km, 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
More results

Similar Description - OPT-155A2H4A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
OPT-155B1J1RA DELTA-OPT-155B1J1RA Datasheet
113Kb / 7P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B DELTA-OPT-155B Datasheet
108Kb / 5P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
List of Unclassifed Man...
OPT-155A2H1 ETC-OPT-155A2H1 Datasheet
102Kb / 5P
   155Mbps, 2Km, 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
Delta Electronics, Inc.
LC-155B DELTA-LC-155B Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LC-155B2J1RA DELTA-LC-155B2J1RA Datasheet
169Kb / 8P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LC-155A2H1 DELTA-LC-155A2H1 Datasheet
146Kb / 8P
   155Mbps 2x5 SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LC-200A4H1M DELTA-LC-200A4H1M Datasheet
116Kb / 8P
   2x5 Small Form Factor 1310nm Transceiver for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
Infineon Technologies A...
V23836-C18-C63 INFINEON-V23836-C18-C63 Datasheet
298Kb / 13P
   1x9 Transceiver with Duplex SC Receptacle Single Mode 1300 nm 21 km SONET OC-3 / SDH STM-1
2004-02-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com