Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84J7V5C Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BZX84J7V5C
Description  Single Zener diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX84J7V5C Datasheet(HTML) 5 Page - NXP Semiconductors

  BZX84J7V5C Datasheet HTML 1Page - NXP Semiconductors BZX84J7V5C Datasheet HTML 2Page - NXP Semiconductors BZX84J7V5C Datasheet HTML 3Page - NXP Semiconductors BZX84J7V5C Datasheet HTML 4Page - NXP Semiconductors BZX84J7V5C Datasheet HTML 5Page - NXP Semiconductors BZX84J7V5C Datasheet HTML 6Page - NXP Semiconductors BZX84J7V5C Datasheet HTML 7Page - NXP Semiconductors BZX84J7V5C Datasheet HTML 8Page - NXP Semiconductors BZX84J7V5C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BZX84J_SER_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 1 March 2007
5 of 12
NXP Semiconductors
BZX84J series
Single Zener diodes
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 µs; square wave; Tj =25 °C prior to surge
13
B
12.7
13.3
170
10
0.1
8
7
11
103
2.5
C
12.4
14.1
15
B
14.7
15.3
200
15
0.05
10.5
9.2
13
99
2
C
13.8
15.6
16
B
15.7
16.3
200
20
0.05
11.2
10.4
14
97
1.5
C
15.3
17.1
18
B
17.6
18.4
225
20
0.05
12.6
12.4
16
93
1.5
C
16.8
19.1
20
B
19.6
20.4
225
20
0.05
14
14.4
18
88
1.5
C
18.8
21.2
22
B
21.6
22.4
250
25
0.05
15.4
16.4
20
84
1.25
C
20.8
23.3
24
B
23.5
24.5
250
30
0.05
16.8
18.4
22
80
1.25
C
22.8
25.6
Table 8.
Characteristics per type; BZX84J-B2V4 to BZX84J-C24 …continued
Tj =25 °C unless otherwise specified.
BZX84J
-xxx
Sel
Working
voltage
VZ (V)
Differential
resistance
rdif (Ω)
Reverse
current
IR (µA)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =5mA
IZ =1mA IZ =5mA
IZ =5mA
Min
Max
Max
Max
Max
VR (V) Min
Max
Max
Max


Similar Part No. - BZX84J7V5C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
BZX84J-68 LINER-BZX84J-68 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
logo
NXP Semiconductors
BZX84J-B10 NXP-BZX84J-B10 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
BZX84J-B10 NEXPERIA-BZX84J-B10 Datasheet
988Kb / 13P
   Single Zener diodes
Rev. 2 - 1 August 2011
logo
NXP Semiconductors
BZX84J-B11 NXP-BZX84J-B11 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
BZX84J-B11 NEXPERIA-BZX84J-B11 Datasheet
988Kb / 13P
   Single Zener diodes
Rev. 2 - 1 August 2011
More results

Similar Description - BZX84J7V5C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com