Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3240ELHLT-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A3240ELHLT-T
Description  CHOPPER-STABILIZED, PRECISION HALL-EF FECT SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3240ELHLT-T Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A3240ELHLT-T Datasheet HTML 3Page - Allegro MicroSystems A3240ELHLT-T Datasheet HTML 4Page - Allegro MicroSystems A3240ELHLT-T Datasheet HTML 5Page - Allegro MicroSystems A3240ELHLT-T Datasheet HTML 6Page - Allegro MicroSystems A3240ELHLT-T Datasheet HTML 7Page - Allegro MicroSystems A3240ELHLT-T Datasheet HTML 8Page - Allegro MicroSystems A3240ELHLT-T Datasheet HTML 9Page - Allegro MicroSystems A3240ELHLT-T Datasheet HTML 10Page - Allegro MicroSystems A3240ELHLT-T Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
3240
CHOPPER-STABILIZED,
PRECISION
HALL-EFFECT SWITCH
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
7
SENSOR LOCATIONS
Package Designator ‘LH’
Package Designator ‘UA’
Package Designator ‘LT’
0.038"
0.96 mm
1
2
Dwg. MH-025
0.011"
0.28 mm
NOM
ACTIVE AREA DEPTH
0.059"
1.49 mm
A
3
0.045"
1.14 mm
1
3
2
Dwg. MH-008-8A
0.0305"
0.775 mm
NOM
ACTIVE AREA DEPTH
0.088"
2.24 mm
A
1
3
2
Dwg. MH-011-9B
0.0195"
0.50 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
0.080"
2.04 mm
0.056"
1.44 mm
A
Allegro
The products described herein are manufactured under one or
more of the following U.S. patents: 5,045,920; 5,264,783; 5,442,283;
5,389,889; 5,581,179; 5,517,112; 5,619,137; 5,621,319; 5,650,719;
5,686,894; 5,694,038; 5,729,130; 5,917,320; and other patents
pending.
Allegro MicroSystems, Inc. reserves the right to make, from time to
time, such departures from the detail specifications as may be
required to permit improvements in the performance, reliability, or
manufacturability of its products. Before placing an order, the user is
cautioned to verify that the information being relied upon is current.
Allegro products are not authorized for use as critical components
in life-support appliances, devices, or systems without express written
approval.
The information included herein is believed to be accurate and
reliable. However, Allegro MicroSystems, Inc. assumes no responsi-
bility for its use; nor for any infringements of patents or other rights of
third parties that may result from its use.


Similar Part No. - A3240ELHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3240ELH ALLEGRO-A3240ELH Datasheet
204Kb / 10P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
More results

Similar Description - A3240ELHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3280 ALLEGRO-3280_03 Datasheet
343Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT LATCHES
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
A3295 ALLEGRO-A3295 Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch
3240 ALLEGRO-3240 Datasheet
204Kb / 10P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
A3340 ALLEGRO-A3340 Datasheet
262Kb / 9P
   Chopper-Stabilized, Precision Hall-Effect Switch
A1171 ALLEGRO-A1171_16 Datasheet
260Kb / 10P
   Micropower Ultrasensitive Hall Ef fect Switch
A1172ECGLT ALLEGRO-A1172ECGLT Datasheet
246Kb / 11P
   Micropower Ultra-Sensitive Hall-Ef fect Switch
A1172 ALLEGRO-A1172_13 Datasheet
246Kb / 11P
   Micropower Ultra-Sensitive Hall-Ef fect Switch
A3212 ALLEGRO-A3212 Datasheet
384Kb / 13P
   MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCH
A1172 ALLEGRO-A1172 Datasheet
236Kb / 9P
   Micropower Ultra-Sensitive Hall-Ef fect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com