Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48DR2R533NRFA Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # Q48DR2R533NRFA
Description  Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48DR2R533NRFA Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  Q48DR2R533NRFA Datasheet HTML 1Page - Delta Electronics, Inc. Q48DR2R533NRFA Datasheet HTML 2Page - Delta Electronics, Inc. Q48DR2R533NRFA Datasheet HTML 3Page - Delta Electronics, Inc. Q48DR2R533NRFA Datasheet HTML 4Page - Delta Electronics, Inc. Q48DR2R533NRFA Datasheet HTML 5Page - Delta Electronics, Inc. Q48DR2R533NRFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48DR2R533NRFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48DR2R533NRFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48DR2R533NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DS_Q48DR1R533_03152007
6
ELECTRICAL CHARACTERISTICS CURVES
Figure 9: Typical full load input characteristics at room
temperature
Figure 10: Output voltage response to step-change in load
current Iout2 (75%-50%-75% of Io, max; di/dt = 0.1A/µs) at
Iout1=7.5A. Load cap: 10µF, tantalum capacitor and 1µF ceramic
capacitor.
Ch1=Vout2
(100mV/div),
Ch2=Iout2
(7.5A/div),
Ch3=Vout1
(100mV/div),
Ch4=Iout1
(7.5A/div)
Scope
measurement should be made using a BNC cable (length shorter
than 20 inches). Position the load between 51 mm to 76 mm (2
inches to 3 inches) from the module.
Figure 11: Output voltage response to step-change in load
current Iout1 (75%-50%-75% of Io, max; di/dt = 0.1A/µs) at
Iout2=7.5A. Load cap: 10µF, tantalum capacitor and 1µF
ceramic capacitor. Ch1=Vout2 (100mV/div), Ch2=Iout2
(7.5A/div), Ch3=Vout1 (100mV/div), Ch4=Iout1 (7.5A/div)
Scope measurement should be made using a BNC cable
(length shorter than 20 inches). Position the load between
51 mm to 76 mm (2 inches to 3 inches) from the module.
Figure 12: Output voltage response to step-change in load
current Iout2 and Iout1 (75%-50%-75% of Io, max; di/dt =
0.1A/µs). Load cap: 10µF, tantalum capacitor and 1µF ceramic
capacitor.
Ch1=Vout2
(100mV/div),
Ch2=Iout2
(7.5A/div),
Ch3=Vout1
(100mV/div),
Ch4=Iout1
(7.5A/div)
Scope
measurement should be made using a BNC cable (length shorter
than 20 inches). Position the load between 51 mm to 76 mm (2
inches to 3 inches) from the module.
Ch4
Ch3
Ch2
Ch1
Ch4
Ch3
Ch2
Ch1
Ch4
Ch3
Ch2
Ch1


Similar Part No. - Q48DR2R533NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48DB12003NRFA DELTA-Q48DB12003NRFA Datasheet
623Kb / 13P
   Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, 짹12V, 2.7A Output
Q48DQ3R310NKFA DELTA-Q48DQ3R310NKFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Q48DQ3R310NNFA DELTA-Q48DQ3R310NNFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Q48DQ3R310NRFA DELTA-Q48DQ3R310NRFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Q48DQ3R310PKFA DELTA-Q48DQ3R310PKFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
More results

Similar Description - Q48DR2R533NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SL1R535NRFA DELTA-Q48SL1R535NRFA Datasheet
664Kb / 13P
   Delphi Series Q48SL, 100W Quarter Brick Family DC/DC Power Modules: 48V in, 1.5V/35A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SR1R525 DELTA-E48SR1R525 Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SH1R540NRFA DELTA-E48SH1R540NRFA Datasheet
775Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SH1R540 DELTA-E48SH1R540 Datasheet
771Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
H48SL1R560 DELTA-H48SL1R560 Datasheet
632Kb / 14P
   Delphi Series H48SL, 200W Half Brick Family DC/DC Power Modules: 48V in, 1.5V/60A out
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
Q48DB12003NRFA DELTA-Q48DB12003NRFA Datasheet
623Kb / 13P
   Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, 짹12V, 2.7A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com