Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC12S0A0V60PRFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # NC12S0A0V60PRFA
Description  Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NC12S0A0V60PRFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  NC12S0A0V60PRFA Datasheet HTML 1Page - Delta Electronics, Inc. NC12S0A0V60PRFA Datasheet HTML 2Page - Delta Electronics, Inc. NC12S0A0V60PRFA Datasheet HTML 3Page - Delta Electronics, Inc. NC12S0A0V60PRFA Datasheet HTML 4Page - Delta Electronics, Inc. NC12S0A0V60PRFA Datasheet HTML 5Page - Delta Electronics, Inc. NC12S0A0V60PRFA Datasheet HTML 6Page - Delta Electronics, Inc. NC12S0A0V60PRFA Datasheet HTML 7Page - Delta Electronics, Inc. NC12S0A0V60PRFA Datasheet HTML 8Page - Delta Electronics, Inc. NC12S0A0V60PRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Delphi NC Series Non-Isolated Point of Load
DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
The Delphi NC Series, 12V input, single output, non-isolated point of
load DC/DC converters are the latest offering from a world leader in
power systems technology and manufacturing ― Delta Electronics,
Inc. This product family provides up to 60A of power in a vertical or
horizontal mounted through-hole package. The NC12S0A0V60 will
provide up to 60A of output current and the output can be resistor- or
voltage-trimmed from 0.9Vdc to 5.0Vdc. It provides a very cost
effective point of load solution. With creative design technology and
optimization of component placement, these converters possess
outstanding electrical and thermal performance, as well as extremely
high reliability under highly stressful operating conditions.
OPTIONS
Negative On/Off logic
APPLICATIONS
DataCom
Distributed power architectures
Servers and workstations
LAN/WAN applications
Data processing applications
FEATURES
High Efficiency:
95% @ 12Vin, 5V/60A out
Voltage and resistor-based trim
No minimum load required
Output voltage programmable from
0.9Vdc to 5.0Vdc via external resistors
Fixed frequency operation
Input UVLO, output OTP, OCP, SCP
Remote ON/OFF (default: positive)
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS 18001 certified manufacturing
facility
UL/cUL 60950 (US & Canada) Recognized,
and TUV (EN60950) Certified
CE mark meets 73/23/EEC and 93/68/EEC
directives
DATASHEET
DS_NC12S60A_02072007


Similar Part No. - NC12S0A0V60PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0V60PRFA DELTA-NC12S0A0V60PRFA Datasheet
551Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
More results

Similar Description - NC12S0A0V60PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA_08 Datasheet
551Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
NC12S0A0V40PNFA DELTA-NC12S0A0V40PNFA Datasheet
686Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
NC12S0A0V30PNFA DELTA-NC12S0A0V30PNFA Datasheet
580Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0H30PNFA DELTA-NC12S0A0H30PNFA Datasheet
756Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0H40PNFA DELTA-NC12S0A0H40PNFA Datasheet
864Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
NC12S0A0H06PNFA DELTA-NC12S0A0H06PNFA Datasheet
691Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0H20PNFA DELTA-NC12S0A0H20PNFA Datasheet
912Kb / 14P
   Delphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 20A
NC12S0A0H15PNFA DELTA-NC12S0A0H15PNFA Datasheet
880Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
NC12S0A0V06PNFA DELTA-NC12S0A0V06PNFA_08 Datasheet
591Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0V15PNFA DELTA-NC12S0A0V15PNFA Datasheet
781Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com