Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100E451JI Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100E451JI
Description  6-BIT REGISTER DIFFERENTIAL DATA CLOCK
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E451JI Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100E451JI Datasheet HTML 1Page - Micrel Semiconductor SY100E451JI Datasheet HTML 2Page - Micrel Semiconductor SY100E451JI Datasheet HTML 3Page - Micrel Semiconductor SY100E451JI Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E451
SY100E451
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10E451JI
J28-1
Industrial
SY10E451JI
Sn-Pb
SY10E451JITR(2)
J28-1
Industrial
SY10E451JI
Sn-Pb
SY100E451JI
J28-1
Industrial
SY100E451JI
Sn-Pb
SY100E451JITR(2)
J28-1
Industrial
SY100E451JI
Sn-Pb
SY10E451JC
J28-1
Commercial
SY10E451JC
Sn-Pb
SY10E451JCTR(2)
J28-1
Commercial
SY10E451JC
Sn-Pb
SY100E451JC
J28-1
Commercial
SY100E451JC
Sn-Pb
SY100E451JCTR(2)
J28-1
Commercial
SY100E451JC
Sn-Pb
SY10E451JY(3)
J28-1
Industiral
SY10E451JY with
Matte-Sn
Pb-Free bar-line indicator
SY10E451JYTR(2, 3)
J28-1
Industrial
SY10E451JY with
Matte-Sn
Pb-Free bar-line indicator
SY100E451JY(3)
J28-1
Industrial
SY100E451JY with
Matte-Sn
Pb-Free bar-line indicator
SY100E451JYTR(2, 3)
J28-1
Industrial
SY100E451JY with
Matte-Sn
Pb-Free bar-line indicator
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
28-Pin PLCC (J28-1)
TOP VIEW
PLCC
J28-1
26
27
28
1
2
3
4
18
17
16
15
14
13
12
25 24 23 22 21 20 19
56
78
9
10 11
VCC
Q5
Q4
Q1
Q3
Q2
VCCO
VEE
D0
MR
NC
CLK
VBB
/CLK


Similar Part No. - SY100E451JI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E451JC MICREL-SY100E451JC Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY100E451JCTR MICREL-SY100E451JCTR Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
More results

Similar Description - SY100E451JI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
logo
ON Semiconductor
MC10E451 ONSEMI-MC10E451 Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
MC10E451 ONSEMI-MC10E451_16 Datasheet
165Kb / 9P
   5 V ECL 6-Bit D Register Differential Data and Clock
July, 2016 ??Rev. 10
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
MC10E451 ONSEMI-MC10E451_06 Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
MC10E452 ONSEMI-MC10E452 Datasheet
111Kb / 4P
   5-BIT DIFFERENTIAL REGISTER
1996 REV 2
logo
Micrel Semiconductor
SY10E452 MICREL-SY10E452 Datasheet
63Kb / 4P
   5-BIT DIFFERENTIAL REGISTER
logo
ON Semiconductor
MC10EP451 ONSEMI-MC10EP451 Datasheet
91Kb / 10P
   3.3V / 5VECL 6-Bit Differential Register with Master Reset
June, 2004 ??Rev. 6
logo
Micrel Semiconductor
SY10EP451L MICREL-SY10EP451L Datasheet
398Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
SY10EP451L_0705 MICREL-SY10EP451L_0705 Datasheet
443Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com