Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10E446JC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10E446JC
Description  4-BIT PARALLEL-TO-SERIAL CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E446JC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10E446JC Datasheet HTML 1Page - Micrel Semiconductor SY10E446JC Datasheet HTML 2Page - Micrel Semiconductor SY10E446JC Datasheet HTML 3Page - Micrel Semiconductor SY10E446JC Datasheet HTML 4Page - Micrel Semiconductor SY10E446JC Datasheet HTML 5Page - Micrel Semiconductor SY10E446JC Datasheet HTML 6Page - Micrel Semiconductor SY10E446JC Datasheet HTML 7Page - Micrel Semiconductor SY10E446JC Datasheet HTML 8Page - Micrel Semiconductor SY10E446JC Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
SY10E446
SY100E446
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max. Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
fMAX
Max. Conversion Frequency
1.3
1.6
1.3
1.6
1.3
1.6
Gb/s
NRZ
tPD
Propagation Delay to Output
ps
CLK to SOUT
1000
1400
1700 1000
1400
1700
1000
1400
1700
CLK to CL/4
500
800
1100
500
800
1100
500
800
1100
CLK to CL/8
800
1100
1400
800
1100
1400
800
1100
1400
SYNC to CL/4, CL/8
500
800
1100
500
800
1100
500
800
1100
tS
Set-up Time
ps
SIN
–200
–400
—–200
–400
—–200
–400
Dn
–200
–400
—–200
–400
—–200
–400
Mode
0
–250
0
–250
0
–250
tH
Hold Time
ps
SIN
750
550
750
550
750
550
Dn
800
600
800
600
800
600
Mode
500
300
500
300
500
300
tRR
Reset Recovery Time
500
200
500
200
500
200
ps
tPW
Minimum Pulse Width
400
——
400
——
400
——
ps
CLK, MR
tr
Rise/Fall Time
ps
20–80%
tf
SOUT
100
225
350
100
225
350
100
225
350
Other
200
425
650
200
425
650
200
425
650
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
——
150
——
150
——
150
µA
VOH
Output HIGH Voltage
V1
(SOUT Only) 10E
–1020
—–790
–980
—–760
–910
—–670
(SOUT Only) 100E
–1025
—–830 –1025
—–830 –1025
—–830
VBB
Output Reference Voltage
V
10E
–1.38
—–1.27 –1.35
—–1.25 –1.31
—–1.19
100E
–1.38
—–1.26 –1.38
—–1.26 –1.38
—–1.26
IEE
Power Supply Current
mA
10E
110
132
110
132
110
132
100E
110
132
110
132
127
152
Note:
1. The maximum VOH limit was relaxed from standard ECL due to the high frequency output design. All other outputs are specified with the standard 10E
and 100E VOH levels.
TRUTH TABLE
Mode
Conversion
L
4-Bit
H
8-Bit


Similar Part No. - SY10E446JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E446JC MICREL-SY10E446JC Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
SY10E446JCTR MICREL-SY10E446JCTR Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
More results

Similar Description - SY10E446JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E445 MICREL-SY10E445 Datasheet
92Kb / 8P
   4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E446 MICREL-SY10E446 Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
SY10E445 MICREL-SY10E445_06 Datasheet
83Kb / 8P
   4-BIT SERIAL-to-PARALLEL CONVERTER
logo
Semtech Corporation
SK10E445PJ SEMTECH-SK10E445PJ Datasheet
171Kb / 8P
   4-bit serial / parallel converter
logo
ON Semiconductor
MC10E446 ONSEMI-MC10E446 Datasheet
125Kb / 6P
   4-BIT PARALLEL/ SERIAL CONVERTER
1996 REV 2
MC10E445 ONSEMI-MC10E445 Datasheet
100Kb / 8P
   4-BIT SERIAL/ PARALLEL CONVERTER
1997 REV 3
logo
New Japan Radio
NJU3754 NJRC-NJU3754 Datasheet
99Kb / 6P
   11-BIT PARALLEL TO SERIAL CONVERTER
logo
Unisonic Technologies
LS3718 UTC-LS3718 Datasheet
90Kb / 8P
   20-BIT SERIAL TO PARALLEL CONVERTER
logo
New Japan Radio
NJU3718 NJRC-NJU3718 Datasheet
229Kb / 7P
   20-BIT SERIAL TO PARALLEL CONVERTER???????
NJU3713 NJRC-NJU3713 Datasheet
196Kb / 6P
   12-BIT SERIAL TO PARALLEL CONVERTER?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com