Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCP-1250B4VDRH Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # LCP-1250B4VDRH
Description  RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LCP-1250B4VDRH Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button LCP-1250B4VDRH Datasheet HTML 5Page - Delta Electronics, Inc. LCP-1250B4VDRH Datasheet HTML 6Page - Delta Electronics, Inc. LCP-1250B4VDRH Datasheet HTML 7Page - Delta Electronics, Inc. LCP-1250B4VDRH Datasheet HTML 8Page - Delta Electronics, Inc. LCP-1250B4VDRH Datasheet HTML 9Page - Delta Electronics, Inc. LCP-1250B4VDRH Datasheet HTML 10Page - Delta Electronics, Inc. LCP-1250B4VDRH Datasheet HTML 11Page - Delta Electronics, Inc. LCP-1250B4VDRH Datasheet HTML 12Page - Delta Electronics, Inc. LCP-1250B4VDRH Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
DELTA ELECTRONICS, INC.
10
Aug., 2006
Rev. 6A
www.deltaww.com
EEPROM Serial ID Memory Contents (2-Wire Address A0h)
Address
Hex
ASCII
Address
Hex
ASCII
Address
Hex
ASCII
00
03
43
PN
86
DC
01
04
44
PN
87
DC
02
07
45
PN
88
DC
03
00
Note 1
46
PN
89
DC
04
xx
47
PN
90
DC
05
xx
48
PN
91
DC
06
xx
49
PN
92
68
07
00
50
PN
93
B0
08
00
51
PN
94
02
09
00
52
PN
95
CS2
Note 9
10
00
53
PN
96
00
11
01
54
PN
97
00
12
0D
55
PN
98
00
13
00
56
30
99
00
14
xx
Note 2
57
30
100
00
15
xx
Note 3
58
30
101
00
16
00
59
0A
102
00
17
00
60
CW
Note 5
103
00
18
00
61
CW
Note 5
104
00
19
00
62
00
105
00
20
44
D
63
CS1
Note 6
106
00
21
45
E
64
00
107
00
22
4C
L
65
1A
108
00
23
54
T
66
05
109
00
24
41
A
67
05
110
00
25
20
68
SN
Note 7
111
00
26
20
69
SN
112
00
27
20
70
SN
113
00
28
20
71
SN
114
00
29
20
72
SN
115
00
30
20
73
SN
116
00
31
20
74
SN
117
00
32
20
75
SN
118
00
33
20
76
SN
119
00
34
20
77
SN
120
00
35
20
78
SN
121
00
36
00
79
SN
122
00
37
00
80
SN
123
00
38
00
81
SN
124
00
39
00
82
SN
125
00
40
PN
Note 4
83
SN
126
00
41
PN
84
DC
Note 8
127
00
42
PN
85
DC
128
00
Note 10
Notes:
1) Byte 3~10: Code for electronic compatibility or optical compatibility.
2) Byte 14:Transmission distance in km
3) Byte 15: Transmission distance in 100m, distance >25.5km: FFh
4) Byte 40-55: Delta part number
5) Byte 60-61: The center wavelength of transmitter
6) Byte 63: Check sum of bytes 0-62.
7) Byte 68-83: Serial number.
8) Byte 84-91: Date code.


Similar Part No. - LCP-1250B4VDRH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250B4FSRA DELTA-LCP-1250B4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LCP-1250B4QDR DELTA-LCP-1250B4QDR Datasheet
247Kb / 14P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250B4QDRH DELTA-LCP-1250B4QDRH Datasheet
247Kb / 14P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250B4QDRT DELTA-LCP-1250B4QDRT Datasheet
247Kb / 14P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250B4QSR DELTA-LCP-1250B4QSR Datasheet
247Kb / 14P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
More results

Similar Description - LCP-1250B4VDRH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250B4QDR DELTA-LCP-1250B4QDR Datasheet
247Kb / 14P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250A4FDR DELTA-LCP-1250A4FDR Datasheet
256Kb / 14P
   RoHS Compliant Multimode SFP Transceiver for GbE and Fiber Channel
logo
Finisar Corporation.
FWLF-1631-17 FINISAR-FWLF-1631-17 Datasheet
106Kb / 12P
   RoHS Compliant DWDM SFP Transceiver
FTLX1471D3BCL_VO1 FINISAR-FTLX1471D3BCL_VO1 Datasheet
658Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX1475D3BCV FINISAR-FTLX1475D3BCV Datasheet
496Kb / 13P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
Rev. B1
FTLX1471D3BCL FINISAR-FTLX1471D3BCL Datasheet
619Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX1374D3BCL FINISAR-FTLX1374D3BCL Datasheet
767Kb / 11P
   RoHS-6 Compliant 10Gb/s 1km Single Mode Datacom SFP Transceiver
FTLX2072D327 FINISAR-FTLX2072D327 Datasheet
700Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Bidirectional SFP Transceiver
logo
Delta Electronics, Inc.
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
logo
Optoway Technology Inc
SPM-9600MG_2015 OPTOWAY-SPM-9600MG_2015 Datasheet
177Kb / 6P
   Multirate Multi-Mode Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com