Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCP-1250B4QSRA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # LCP-1250B4QSRA
Description  RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LCP-1250B4QSRA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  LCP-1250B4QSRA Datasheet HTML 1Page - Delta Electronics, Inc. LCP-1250B4QSRA Datasheet HTML 2Page - Delta Electronics, Inc. LCP-1250B4QSRA Datasheet HTML 3Page - Delta Electronics, Inc. LCP-1250B4QSRA Datasheet HTML 4Page - Delta Electronics, Inc. LCP-1250B4QSRA Datasheet HTML 5Page - Delta Electronics, Inc. LCP-1250B4QSRA Datasheet HTML 6Page - Delta Electronics, Inc. LCP-1250B4QSRA Datasheet HTML 7Page - Delta Electronics, Inc. LCP-1250B4QSRA Datasheet HTML 8Page - Delta Electronics, Inc. LCP-1250B4QSRA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DELTA ELECTRONICS, INC.
4
Dec., 2006
Rev. 0C
www.deltaww.com
Optical Characteristics (LCP-1250B4QSRA)
(VCC=3.135V to 3.465V, Data Rate=1.25Gb/sec, PRBS=2
7-1 NRZ, 9/125μm SMF)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Transmitter
Output Optical Power (Avg.)
PO
-9.5
-3
dBm
Optical Extinction Ratio
ER
9
dB
Center Wavelength
λC
1270
1310
1355
nm
Spectral Width
σ
4
nm
Optical Rise/ Fall Time
tr/tf
260
psec
1
Total Jitter (pk-pk)
TJTX
220
psec
Relative Intensity Noise
RIN
-120
dB/Hz
Output Eye
Complies with the IEEE 802.3z/D2 specification, and is class 1 laser
eye safety
Receiver
Sensitivity (Avg.)
PIN
-19
dBm
1
Input Optical Wavelength
λ
1310
nm
LOS- De-Asserted (Avg.)
PD
-19
dBm
2
LOS- asserted (Avg.)
PA
-30
dBm
2
LOS-Hysteresis
PD-PA
0.5
dB
Overload
PO
-3
dBm
Notes:
1. These are unfiltered 20%~80% values
2. The sensitivity is provided at a BER of 1×10
-12 or better with an input signal consisting of 1.25Gb/s,
2
7-1 PRBS and ER=9dB.
Mask of the eye diagram for the optical transmit signal


Similar Part No. - LCP-1250B4QSRA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250B4QSR DELTA-LCP-1250B4QSR Datasheet
247Kb / 14P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250B4QSRH DELTA-LCP-1250B4QSRH Datasheet
247Kb / 14P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250B4QSRT DELTA-LCP-1250B4QSRT Datasheet
247Kb / 14P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
More results

Similar Description - LCP-1250B4QSRA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
LC-1250A2F1 DELTA-LC-1250A2F1 Datasheet
95Kb / 9P
   RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
LCP-1250RJ3SR-S DELTA-LCP-1250RJ3SR-S Datasheet
361Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet with SGMII Interface
LCP-2125A4EDR DELTA-LCP-2125A4EDR Datasheet
246Kb / 14P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fiber Channel with Digital Diagnostic Monitoring Function
logo
Agilent(Hewlett-Packard...
HFBR-5710L HP-HFBR-5710L Datasheet
264Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit
logo
Delta Electronics, Inc.
LCP-2125B4QDR DELTA-LCP-2125B4QDR Datasheet
245Kb / 14P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fiber Channel with Digital Diagnostic Monitoring Function
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
logo
Delta Electronics, Inc.
LCP-200A4HSR DELTA-LCP-200A4HSR Datasheet
151Kb / 9P
   RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-06 JDSU-PL-KP2-00-000-06 Datasheet
783Kb / 9P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage
PL-KP2-00-000-04 JDSU-PL-KP2-00-000-04 Datasheet
420Kb / 10P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com