Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCP-155B4JDRT Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # LCP-155B4JDRT
Description  RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LCP-155B4JDRT Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button LCP-155B4JDRT Datasheet HTML 5Page - Delta Electronics, Inc. LCP-155B4JDRT Datasheet HTML 6Page - Delta Electronics, Inc. LCP-155B4JDRT Datasheet HTML 7Page - Delta Electronics, Inc. LCP-155B4JDRT Datasheet HTML 8Page - Delta Electronics, Inc. LCP-155B4JDRT Datasheet HTML 9Page - Delta Electronics, Inc. LCP-155B4JDRT Datasheet HTML 10Page - Delta Electronics, Inc. LCP-155B4JDRT Datasheet HTML 11Page - Delta Electronics, Inc. LCP-155B4JDRT Datasheet HTML 12Page - Delta Electronics, Inc. LCP-155B4JDRT Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DELTA ELECTRONICS, INC.
11
Nov., 2006
Rev. 1E
www.deltaww.com
8) Byte 84-91: Date code.
9) Byte 95: Check sum of bytes 64-94.
10) Byte 128 to 255 had been set hex 00.
Digital Diagnostic Monitoring Interface
Alarm and Warning Thresholds (2-Wire Address A2h)
Address
#
Bytes
Name
Value (Dec.)
Unit
Note
00-01
2
Temp High Alarm
TC (MAX.)+15
02-03
2
Temp Low Alarm
TC (MIN.)
04-05
2
Temp High Warning
TC (MAX.)+10
06-07
2
Temp Low Warning
TC (MIN.)+10
1
08-09
2
Voltage High Alarm
Vcc+5%
10-11
2
Voltage Low Alarm
Vcc-5%
12-13
2
Voltage High Warning
Vcc+3%
14-15
2
Voltage Low Warning
Vcc-3%
Volt
16-17
2
Bias High Alarm
IOP*2+20
18-19
2
Bias Low Alarm
IOP-20
20-21
2
Bias High Warning
IOP *2+10
22-23
2
Bias Low Warning
IOP -10
mA
2
24-25
2
TX Power High Alarm
P+3
26-27
2
TX Power Low Alarm
P-3
28-29
2
TX Power High Warning
P+2
30-31
2
TX Power Low Warning
P-2
dBm
3
32-33
2
RX Power High Alarm
P0+3
34-35
2
RX Power Low Alarm
PS-2
36-37
2
RX Power High Warning
P0+2
38-39
2
RX Power Low Warning
PS
dBm
4
40-45
16
Reversed
56-91
36
External Calibration Constants
92-94
3
Reversed
95
1
Checksum
5
96-97
2
Real Time Temperature
98-99
2
Real Time Supply Voltage
100-101
2
Real Time Tx Bias Current
102-103
2
Real Time Tx Optical Power
104-105
2
Real Time Rx Received Power
106-109
4
Reserved
110
1
Optional Status/ Control Bits
6
111
1
Reserved
112-119
8
Optional Set of Alarm and Warning
7
Notes:
1) TC: Case Operating temperature
2) IOP: Operating current at room temperature. The min. setting current is 0 mA.
3) P: Operating optical power of transmitter at room temperature.
4) P0: Overload optical power of receiver


Similar Part No. - LCP-155B4JDRT

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-155B4JDRA DELTA-LCP-155B4JDRA Datasheet
239Kb / 13P
   RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
LCP-155B4JDRAH DELTA-LCP-155B4JDRAH Datasheet
239Kb / 13P
   RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
LCP-155B4JDRAT DELTA-LCP-155B4JDRAT Datasheet
239Kb / 13P
   RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
More results

Similar Description - LCP-155B4JDRT

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-155D4RDR DELTA-LCP-155D4RDR Datasheet
239Kb / 13P
   RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
LCP-155B4JDRA DELTA-LCP-155B4JDRA Datasheet
239Kb / 13P
   RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-200A4HSR DELTA-LCP-200A4HSR Datasheet
151Kb / 9P
   RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5805AZ AVAGO-AFCT-5805AZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFCT-5805 HP-HFCT-5805 Datasheet
219Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com