Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCP-1250B4FSRA Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # LCP-1250B4FSRA
Description  RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LCP-1250B4FSRA Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button LCP-1250B4FSRA Datasheet HTML 4Page - Delta Electronics, Inc. LCP-1250B4FSRA Datasheet HTML 5Page - Delta Electronics, Inc. LCP-1250B4FSRA Datasheet HTML 6Page - Delta Electronics, Inc. LCP-1250B4FSRA Datasheet HTML 7Page - Delta Electronics, Inc. LCP-1250B4FSRA Datasheet HTML 8Page - Delta Electronics, Inc. LCP-1250B4FSRA Datasheet HTML 9Page - Delta Electronics, Inc. LCP-1250B4FSRA Datasheet HTML 10Page - Delta Electronics, Inc. LCP-1250B4FSRA Datasheet HTML 11Page - Delta Electronics, Inc. LCP-1250B4FSRA Datasheet HTML 12Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DELTA ELECTRONICS, INC.
9
Dec., 2006
Rev. 0C
www.deltaww.com
SFP timing parameters for SFP management
Parameter
Symbol
Min.
Max.
Unit
Unit Conditions
TX_DISABLE Assert
time
t_off
10
μsec
Time from rising edge of TX_DISABLE to
when the optical output falls below 10% of
nominal
TX_DISABLE
Negate time
t_on
1
msec
Time from falling edge of TX_DISABLE to
when the modulated optical output rises
above 90% of nominal
Time
to
initialize,
including reset of
TX_FAULT
t_init
300
msec
From power on or negation of TX_Fault using
TX Disable.
TX
Fault
Assert
Time
t_fault
100
μsec Time from fault to TX fault on.
TX_DISABLE
to
reset
t_rest
10
μsec
Time TX Disable must be held high to reset
TX_Fault
LOS Assert Time
t_loss_on
100
μsec Time from LOS state to Rx LOS assert
LOS Deassert Time
t_loss_off
100
μsec Time from non-LOS state to Rx LOS deassert
Serial ID Clock Rate f_serial_clock
100
kHz


Similar Part No. - LCP-1250B4FSRA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250B4MDR DELTA-LCP-1250B4MDR Datasheet
247Kb / 13P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250B4MDRH DELTA-LCP-1250B4MDRH Datasheet
247Kb / 13P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250B4MDRT DELTA-LCP-1250B4MDRT Datasheet
247Kb / 13P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250B4QDR DELTA-LCP-1250B4QDR Datasheet
247Kb / 14P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250B4QDRH DELTA-LCP-1250B4QDRH Datasheet
247Kb / 14P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
More results

Similar Description - LCP-1250B4FSRA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
LC-1250A2F1 DELTA-LC-1250A2F1 Datasheet
95Kb / 9P
   RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
LCP-1250RJ3SR-S DELTA-LCP-1250RJ3SR-S Datasheet
361Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet with SGMII Interface
LCP-2125A4EDR DELTA-LCP-2125A4EDR Datasheet
246Kb / 14P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fiber Channel with Digital Diagnostic Monitoring Function
logo
Agilent(Hewlett-Packard...
HFBR-5710L HP-HFBR-5710L Datasheet
264Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit
logo
Delta Electronics, Inc.
LCP-2125B4QDR DELTA-LCP-2125B4QDR Datasheet
245Kb / 14P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fiber Channel with Digital Diagnostic Monitoring Function
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
logo
Delta Electronics, Inc.
LCP-200A4HSR DELTA-LCP-200A4HSR Datasheet
151Kb / 9P
   RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-06 JDSU-PL-KP2-00-000-06 Datasheet
783Kb / 9P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage
PL-KP2-00-000-04 JDSU-PL-KP2-00-000-04 Datasheet
420Kb / 10P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com