Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCP-1250SR Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # LCP-1250SR
Description  RoHS Compliant Multimode SFP Transceiver for GbE and Fiber Channel
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LCP-1250SR Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  LCP-1250SR Datasheet HTML 1Page - Delta Electronics, Inc. LCP-1250SR Datasheet HTML 2Page - Delta Electronics, Inc. LCP-1250SR Datasheet HTML 3Page - Delta Electronics, Inc. LCP-1250SR Datasheet HTML 4Page - Delta Electronics, Inc. LCP-1250SR Datasheet HTML 5Page - Delta Electronics, Inc. LCP-1250SR Datasheet HTML 6Page - Delta Electronics, Inc. LCP-1250SR Datasheet HTML 7Page - Delta Electronics, Inc. LCP-1250SR Datasheet HTML 8Page - Delta Electronics, Inc. LCP-1250SR Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DELTA ELECTRONICS, INC.
2
Oct., 2006
Rev. 6F
www.deltaww.com
Absolute Maximum Ratings
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Storage Temperature
Ts
-40
85
ºC
Supply Voltage
VCC
0
5
V
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Case Operating Temperature
TC
-5
70
ºC
1
Supply Voltage
VCC
3.135
3.465
V
Note 1: See order information
Electrical Characteristics
(VCC=3.3V ± 5%)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Total Supply Current
ICCT
180
300
mA
Transmitter
Transmitter Differential Input Voltage
VDT
0.5
2.4
V
1
Transmitter Disable Input-High
VDISH
2
VCC+0.3
V
Transmitter Disable Input-Low
VDISL
0
0.8
V
Transmitter Fault Pull up Resistor
RTX_FAULT
4.7
10
kΩ
2
Transmitter Fault Output-High
VTXFH
2
VCC+0.3
V
2
Transmitter Fault Output-Low
VTXFL
0
0.8
V
2
Receiver
Receiver Differential Output Voltage
VDR
0.35
1
2
V
3
Receiver LOS Load
RRXLOS
4.7
10
kΩ
2
LOS Output Voltage-High
VLOSH
2
VCC+0.3
V
2
LOS Output Voltage-Low
VLOSL
0
0.8
V
2
Output Data Rise/Fall Time
tr / tf
220
psec
4
Notes:
1. Internally AC coupled and terminated to 100Ohm differential load.
2. Pull up to VCC on host Board
3. Internally AC coupled, but requires a 100Ohm differential termination at or internal to Serializer/
Deserializer.
4. These are 20%~80% values


Similar Part No. - LCP-1250SR

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LCP-1250A4QSRA DELTA-LCP-1250A4QSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LCP-1250B4FSRA DELTA-LCP-1250B4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LCP-1250B4MDR DELTA-LCP-1250B4MDR Datasheet
247Kb / 13P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250B4MDRH DELTA-LCP-1250B4MDRH Datasheet
247Kb / 13P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
More results

Similar Description - LCP-1250SR

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250B4MDR DELTA-LCP-1250B4MDR Datasheet
247Kb / 13P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250B4QDR DELTA-LCP-1250B4QDR Datasheet
247Kb / 14P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5320Z AVAGO-HFBR-5320Z Datasheet
236Kb / 8P
   200 MBd RoHS Compliant SBCON Multimode Fiber Transceiver
logo
Finisar Corporation.
FTLX8571D3BCL FINISAR-FTLX8571D3BCL Datasheet
682Kb / 12P
   RoHS-6 Compliant 10Gb/s 850nm Multimode Datacom SFP Transceiver
FWLF-1631-17 FINISAR-FWLF-1631-17 Datasheet
106Kb / 12P
   RoHS Compliant DWDM SFP Transceiver
logo
Delta Electronics, Inc.
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
logo
Finisar Corporation.
FWLF15197D47 FINISAR-FWLF15197D47 Datasheet
640Kb / 12P
   CWDM RoHS Compliant Pluggable SFP Transceiver
FTLX8573D3BTL FINISAR-FTLX8573D3BTL Datasheet
650Kb / 12P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 850nm Multimode SFP Datacom Transceiver
FTLF1421P1BTL-3G FINISAR-FTLF1421P1BTL-3G Datasheet
638Kb / 10P
   RoHS Compliant Pluggable SFP Transceiver for 3G Wireless Applications
logo
Source Photonics, Inc.
SP-GB-EX-CDA SOURCE-SP-GB-EX-CDA Datasheet
485Kb / 7P
   40km GbE SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com