Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T5750-6AQJ Datasheet(PDF) 5 Page - ATMEL Corporation

Part # T5750-6AQJ
Description  UHF ASK/FSK Transmitter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5750-6AQJ Datasheet(HTML) 5 Page - ATMEL Corporation

  T5750-6AQJ Datasheet HTML 1Page - ATMEL Corporation T5750-6AQJ Datasheet HTML 2Page - ATMEL Corporation T5750-6AQJ Datasheet HTML 3Page - ATMEL Corporation T5750-6AQJ Datasheet HTML 4Page - ATMEL Corporation T5750-6AQJ Datasheet HTML 5Page - ATMEL Corporation T5750-6AQJ Datasheet HTML 6Page - ATMEL Corporation T5750-6AQJ Datasheet HTML 7Page - ATMEL Corporation T5750-6AQJ Datasheet HTML 8Page - ATMEL Corporation T5750-6AQJ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
4546E–RKE–02/07
T5750
Figure 4-1.
Tolerances of Frequency Modulation
Using C
4 =9.2 pF ±2%, C5 = 6.8 pF ±5%, a switch port with CSwitch = 3 pF ±10%, stray capaci-
tances on each side of the crystal of C
Stray1 =CStray2 = 1 pF ±10%, a parallel capacitance of the
crystal of C
0 = 3.2 pF ±10% and a crystal with CM = 13 fF ±10%, an FSK deviation of ±21.5 kHz
typical with worst case tolerances of ±16.8 kHz to ±28.0 kHz results.
4.3
CLK Output
An output CLK signal is provided for a connected microcontroller, the delivered signal is CMOS
compatible if the load capacitance is lower than 10 pF.
4.3.1
Clock Pulse Take-over
The clock of the crystal oscillator can be used for clocking the microcontroller. Atmel
®’s
ATARx9x has the special feature of starting with an integrated RC-oscillator to switch on the
T5750 with ENABLE = H, and after 4 ms to assume the clock signal of the transmission IC, so
that the message can be sent with crystal accuracy.
4.3.2
Output Matching and Power Setting
The output power is set by the load impedance of the antenna. The maximum output power is
achieved with a load impedance of Z
Load,opt = (166 + j226)Ω at 868.3 MHz. There must be a low
resistive path to V
S to deliver the DC current.
The delivered current pulse of the power amplifier is 7.7 mA and the maximum output power is
delivered to a resistive load of 475
Ω if the 0.53 pF output capacitance of the power amplifier is
compensated by the load impedance.
An optimum load impedance of:
Z
Load = 475Ω || j/(2 × p × f × 0.53 pF) = (166 + j226)Ω thus results for the maximum output
power of 5.5 dBm.
The load impedance is defined as the impedance seen from the T5750’s ANT1, ANT2 into the
matching network. Do not confuse this large signal load impedance with a small signal input
impedance delivered as input characteristic of RF amplifiers and measured from the application
into the IC instead of from the IC into the application for a power amplifier.
Less output power is achieved by lowering the real parallel part of 475
Ω where the parallel imag-
inary part should be kept constant.
Output power measurement can be done with the circuit of Figure 4-2 on page 6. Note that the
component values must be changed to compensate the individual board parasitics until the
T5750 has the right load impedance Z
Load,opt = (166 + j226)Ω at 868.3 MHz. Also the damping of
the cable used to measure the output power must be calibrated out.
RS
LM
C4
CM
VS
XTAL
C0
C5
CSwitch
CStray1
CStray2


Similar Part No. - T5750-6AQJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T5750-6AQJ ATMEL-T5750-6AQJ Datasheet
283Kb / 13P
   Transmitter
More results

Similar Description - T5750-6AQJ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
   UHF ASK/FSK TRANSMITTER
T5753 ATMEL-T5753_08 Datasheet
270Kb / 13P
   UHF ASK/FSK Transmitter
ATA5756 ATMEL-ATA5756_08 Datasheet
340Kb / 20P
   UHF ASK/FSK Transmitter
T5754C ATMEL-T5754C_14 Datasheet
672Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753 Datasheet
213Kb / 13P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750 Datasheet
212Kb / 12P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B Datasheet
187Kb / 9P
   UHF ASK/FSK TRANSMITTER
T5754 ATMEL-T5754 Datasheet
215Kb / 13P
   UHF ASK/FSK TRANSMITTER
ATA8404 ATMEL-ATA8404_14 Datasheet
924Kb / 18P
   UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com