Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC705B5 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC68HC705B5
Description  Microcontrollers
Download  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705B5 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC68HC705B5 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC705B5 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC705B5 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC705B5 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68HC705B5 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68HC705B5 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68HC705B5 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC68HC705B5 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC68HC705B5 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 302 page
background image
MC68HC05B6
Rev. 4.1
Freescale
iii
TABLE OF CONTENTS
Paragraph
Number
Page
Number
TABLE OF CONTENTS
5
PROGRAMMABLE TIMER
5.1
Counter ..............................................................................................................5–1
5.1.1
Counter register and alternate counter register ...........................................5–3
5.2
Timer control and status ....................................................................................5–4
5.2.1
Timer control register (TCR) ........................................................................5–4
5.2.2
Timer status register (TSR)..........................................................................5–6
5.3
Input capture......................................................................................................5–7
5.3.1
Input capture register 1 (ICR1) ....................................................................5–7
5.3.2
Input capture register 2 (ICR2) ....................................................................5–8
5.4
Output compare .................................................................................................5–9
5.4.1
Output compare register 1 (OCR1)..............................................................5–9
5.4.2
Output compare register 2 (OCR2)............................................................5–10
5.4.3
Software force compare .............................................................................5–11
5.5
Pulse Length Modulation (PLM) ......................................................................5–11
5.5.1
Pulse length modulation registers A and B (PLMA/PLMB) ........................5–11
5.6
Timer during STOP mode................................................................................5–12
5.7
Timer during WAIT mode.................................................................................5–12
5.8
Timer state diagrams .......................................................................................5–12
6
SERIAL COMMUNICATIONS INTERFACE
6.1
SCI two-wire system features ............................................................................6–1
6.2
SCI receiver features .........................................................................................6–3
6.3
SCI transmitter features .....................................................................................6–3
6.4
Functional description........................................................................................6–3
6.5
Data format ........................................................................................................6–5
6.6
Receiver wake-up operation ..............................................................................6–5
6.6.1
Idle line wake-up ..........................................................................................6–6
6.6.2
Address mark wake-up ................................................................................6–6
6.7
Receive data in (RDI) ........................................................................................6–6
6.8
Start bit detection...............................................................................................6–6
6.9
Transmit data out (TDO) ....................................................................................6–8
6.10
SCI synchronous transmission ..........................................................................6–9
6.11
SCI registers ....................................................................................................6–10
6.11.1
Serial communications data register (SCDR) ............................................6–10
6.11.2
Serial communications control register 1 (SCCR1) ...................................6–10
6.11.3
Serial communications control register 2 (SCCR2) ...................................6–14
6.11.4
Serial communications status register (SCSR)..........................................6–16
6.11.5
Baud rate register (BAUD) .........................................................................6–18
6.12
Baud rate selection ..........................................................................................6–19
6.13
SCI during STOP mode ...................................................................................6–21
6.14
SCI during WAIT mode....................................................................................6–21


Similar Part No. - MC68HC705B5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC705B5 MOTOROLA-MC68HC705B5 Datasheet
1Mb / 298P
   High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
logo
Freescale Semiconductor...
MC68HC705B5 FREESCALE-MC68HC705B5 Datasheet
2Mb / 302P
   Microcontrollers
More results

Similar Description - MC68HC705B5

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com