Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPM12S0A0S08FA Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # IPM12S0A0S08FA
Description  Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 3V~5.5V input, 0.8~3.3V and 10A Output Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM12S0A0S08FA Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  IPM12S0A0S08FA Datasheet HTML 1Page - Delta Electronics, Inc. IPM12S0A0S08FA Datasheet HTML 2Page - Delta Electronics, Inc. IPM12S0A0S08FA Datasheet HTML 3Page - Delta Electronics, Inc. IPM12S0A0S08FA Datasheet HTML 4Page - Delta Electronics, Inc. IPM12S0A0S08FA Datasheet HTML 5Page - Delta Electronics, Inc. IPM12S0A0S08FA Datasheet HTML 6Page - Delta Electronics, Inc. IPM12S0A0S08FA Datasheet HTML 7Page - Delta Electronics, Inc. IPM12S0A0S08FA Datasheet HTML 8Page - Delta Electronics, Inc. IPM12S0A0S08FA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DS_IPM04S0A010_12182006
5
ELECTRICAL CHARACTERISTICS CURVES
Figure 13: Power on waveform at 5.0vin, 0.9V/10A out
with application of Vin
Figure 14: Power on waveform at 5.0vin, 3.3V/10A out
with application of Vin
Figure 15: Power off waveform at 5.0vin, 0.9V/10A out
with application of Vin
Figure 16: Power off waveform 5.0vin, 3.3V/10A out
with application of Vin
Figure 17:
Remote turn on delay time at 5.0vin,
0.9V/10A out
Figure 18: Remote turn on delay time at 5.0vin,
3.3V/10A out


Similar Part No. - IPM12S0A0S08FA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM12S0A0S08FA DELTA-IPM12S0A0S08FA Datasheet
656Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.8~5V and 8A Output Current
IPM12S0A0S08FA DELTA-IPM12S0A0S08FA Datasheet
746Kb / 15P
   Output short circuit protection
IPM12S0A0S08FA DELTA-IPM12S0A0S08FA Datasheet
761Kb / 15P
   Output voltage adjustment: 0.9V~3.3V
IPM12S0A0S08FA DELTA-IPM12S0A0S08FA Datasheet
746Kb / 15P
   Monotonic startup into normal and pre-biased loads
More results

Similar Description - IPM12S0A0S08FA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM04C0A0R06FA DELTA-IPM04C0A0R06FA Datasheet
704Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 3V~5.5V input, 0.8~3.3V and 6A Output Current
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA_14 Datasheet
666Kb / 16P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules
IPM12S0A0R08FA DELTA-IPM12S0A0R08FA Datasheet
656Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.8~5V and 8A Output Current
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA Datasheet
765Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.9~5V and 4A Output Current
IPM24S0A0S DELTA-IPM24S0A0S Datasheet
595Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated Integrated Point-of-Load Power Modules
IPM24S0C0SR03FA DELTA-IPM24S0C0SR03FA Datasheet
488Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated,Integrated Point-of-Load Power Modules
IPM24S0A0R03FA DELTA-IPM24S0A0R03FA Datasheet
780Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~36V input, 1.2~2.5V and 3A Output
IPM24S0B0R03FA DELTA-IPM24S0B0R03FA Datasheet
766Kb / 14P
   Delphi Series IPM24S0B0, Non-Isolated, Integrated Point-of-Load Power Modules: 11V~36V input, 3.3~6.5V and 3A Output
IPM24S0C0R03FA DELTA-IPM24S0C0R03FA Datasheet
710Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated, Integrated Point-of-Load Power Modules: 20V~36V input, 8.0~15.0V and 3A Output
DNM04S0A0R10PFA DELTA-DNM04S0A0R10PFA Datasheet
966Kb / 16P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com