Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10E196 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10E196
Description  PROGRAMMABLE DELAY CHIP WITH ANALOG INPUT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E196 Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10E196_06 Datasheet HTML 1Page - Micrel Semiconductor SY10E196_06 Datasheet HTML 2Page - Micrel Semiconductor SY10E196_06 Datasheet HTML 3Page - Micrel Semiconductor SY10E196_06 Datasheet HTML 4Page - Micrel Semiconductor SY10E196_06 Datasheet HTML 5Page - Micrel Semiconductor SY10E196_06 Datasheet HTML 6Page - Micrel Semiconductor SY10E196_06 Datasheet HTML 7Page - Micrel Semiconductor SY10E196_06 Datasheet HTML 8Page - Micrel Semiconductor SY10E196_06 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Precison Edge®
SY10E196
SY100E196
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
150
150
150
µA—
IEE
Power Supply Current
mA
10E
130
156
130
156
130
156
100E
130
156
130
156
150
179
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND


Similar Part No. - SY10E196_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E196JC MICREL-SY10E196JC Datasheet
79Kb / 9P
   PROGRAMMABLE DELAY CHIP WITH ANALOG INPUT
SY10E196JCTR MICREL-SY10E196JCTR Datasheet
79Kb / 9P
   PROGRAMMABLE DELAY CHIP WITH ANALOG INPUT
More results

Similar Description - SY10E196_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E196 MICREL-SY10E196 Datasheet
79Kb / 9P
   PROGRAMMABLE DELAY CHIP WITH ANALOG INPUT
logo
ON Semiconductor
MC10E195 ONSEMI-MC10E195 Datasheet
88Kb / 5P
   PROGRAMMABLE DELAY CHIP
REV 3
logo
Micrel Semiconductor
SY10E195 MICREL-SY10E195 Datasheet
75Kb / 8P
   PROGRAMMABLE DELAY CHIP
SY10E195 MICREL-SY10E195_06 Datasheet
77Kb / 8P
   PROGRAMMABLE DELAY CHIP
logo
ON Semiconductor
MC10E196 ONSEMI-MC10E196 Datasheet
148Kb / 7P
   PROGRAMMABLE DELAY CHIP
1996 REV 2
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC100EP196 ONSEMI-MC100EP196_06 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196 ONSEMI-MC100EP196_14 Datasheet
151Kb / 19P
   3.3V ECL Programmable Delay Chip with FTUNE
June, 2014 ??Rev. 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com