Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10E158JZ Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10E158JZ
Description  5-BIT 2:1 MULTIPLEXER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E158JZ Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10E158JZ Datasheet HTML 1Page - Micrel Semiconductor SY10E158JZ Datasheet HTML 2Page - Micrel Semiconductor SY10E158JZ Datasheet HTML 3Page - Micrel Semiconductor SY10E158JZ Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E158
SY100E158
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10E158JC
J28-1
Commercial
SY10E158JC
Sn-Pb
SY10E158JCTR(2)
J28-1
Commercial
SY10E158JC
Sn-Pb
SY100E158JC
J28-1
Commercial
SY100E158JC
Sn-Pb
SY100E158JCTR(2)
J28-1
Commercial
SY100E158JC
Sn-Pb
SY10E158JZ(3)
J28-1
Commercial
SY10E158JZ with
Matte-Sn
Pb-Free bar-line indicator
SY10E158JZTR(2, 3)
J28-1
Commercial
SY10E158JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100E158JZ(3)
J28-1
Commercial
SY100E158JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100E158JZTR(2, 3)
J28-1
Commercial
SY100E158JZ with
Matte-Sn
Pb-Free bar-line indicator
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
28-Pin PLCC (J28-1)
VEE
D4b
D2a
D0a
SEL
26
27
28
1
2
3
4
18
17
16
15
14
13
12
25 24 23 22 21 20 19
56789
10 11
D0b
D2b
Q3
PLCC
TOP VIEW
J28-1
Q3
VCC
Q2
Q2
VCCO
Q1


Similar Part No. - SY10E158JZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E158JC MICREL-SY10E158JC Datasheet
58Kb / 4P
   5-BIT 2:1 MULTIPLEXER
SY10E158JCTR MICREL-SY10E158JCTR Datasheet
58Kb / 4P
   5-BIT 2:1 MULTIPLEXER
More results

Similar Description - SY10E158JZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E158 ONSEMI-MC10E158 Datasheet
100Kb / 4P
   5-BIT 2:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E158 MICREL-SY10E158 Datasheet
58Kb / 4P
   5-BIT 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E158 ONSEMI-MC10E158_06 Datasheet
78Kb / 8P
   5V ECL 5-Bit 2:1 Multiplexer
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163 Datasheet
58Kb / 4P
   2-BIT 8:1 MULTIPLEXER
SY10E163 MICREL-SY10E163_06 Datasheet
60Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
ON Semiconductor
MC10E163 ONSEMI-MC10E163 Datasheet
102Kb / 4P
   2-BIT 8:1 MULTIPLEXER
1996 REV 2
logo
Integrated Circuit Syst...
ICS83052I-01 ICST-ICS83052I-01 Datasheet
217Kb / 12P
   2-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
83052I-01 RENESAS-83052I-01 Datasheet
509Kb / 16P
   2-Bit, 2:1, Single-Ended Multiplexer
December 16, 2015
logo
Integrated Device Techn...
83052I-01 IDT-83052I-01 Datasheet
314Kb / 15P
   2-Bit, 2:1, Single-Ended Multiplexer
logo
ON Semiconductor
MC10E158 ONSEMI-MC10E158_16 Datasheet
154Kb / 8P
   5V ECL 5?륛it 2:1 Multiplexer
July, 2016 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com