Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10E158JC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10E158JC
Description  5-BIT 2:1 MULTIPLEXER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E158JC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10E158JC Datasheet HTML 1Page - Micrel Semiconductor SY10E158JC Datasheet HTML 2Page - Micrel Semiconductor SY10E158JC Datasheet HTML 3Page - Micrel Semiconductor SY10E158JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
SY10E158
SY100E158
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
s 550ps max. D to output
s Extended 100E VEE range of –4.2V to –5.5V
s 775ps max. SEL to output
s Differential outputs
s Fully compatible with industry standard 10KH,
100K ECL levels
s Internal 75K
input pulldown resistors
s Fully compatible with Motorola MC10E/100E158
s Available in 28-pin PLCC package
FEATURES
The SY10/100E158 offer five 2:1 multiplexers with
differential outputs, designed for use in new, high-
performance ECL systems.
The multiplexer operation is controlled by the SEL (Select)
signal which selects one of the two bits of input data at each
mux to be passed through.
DESCRIPTION
5-BIT 2:1
MULTIPLEXER
SY10E158
SY100E158
BLOCK DIAGRAM
Pin
Function
D0a–D4a
Input Data a
D0b–D4b
Input Data b
SEL
Select Input
Q0–Q4
True Outputs
Q0–Q4
Inverted Outputs
VCCO
VCC to Outputt
PIN NAMES
MUX
SEL
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
D0a
SEL
D0b
D1a
D1b
D2a
D2b
D3a
D3b
D4a
D4b
MUX
SEL
MUX
SEL
MUX
SEL
MUX
SEL
Rev.: E
Amendment: /0
Issue Date:
March 2006


Similar Part No. - SY10E158JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E158JC MICREL-SY10E158JC Datasheet
58Kb / 4P
   5-BIT 2:1 MULTIPLEXER
SY10E158JCTR MICREL-SY10E158JCTR Datasheet
58Kb / 4P
   5-BIT 2:1 MULTIPLEXER
More results

Similar Description - SY10E158JC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E158 ONSEMI-MC10E158 Datasheet
100Kb / 4P
   5-BIT 2:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E158 MICREL-SY10E158 Datasheet
58Kb / 4P
   5-BIT 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E158 ONSEMI-MC10E158_06 Datasheet
78Kb / 8P
   5V ECL 5-Bit 2:1 Multiplexer
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163 Datasheet
58Kb / 4P
   2-BIT 8:1 MULTIPLEXER
SY10E163 MICREL-SY10E163_06 Datasheet
60Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
ON Semiconductor
MC10E163 ONSEMI-MC10E163 Datasheet
102Kb / 4P
   2-BIT 8:1 MULTIPLEXER
1996 REV 2
logo
Integrated Circuit Syst...
ICS83052I-01 ICST-ICS83052I-01 Datasheet
217Kb / 12P
   2-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
83052I-01 RENESAS-83052I-01 Datasheet
509Kb / 16P
   2-Bit, 2:1, Single-Ended Multiplexer
December 16, 2015
logo
Integrated Device Techn...
83052I-01 IDT-83052I-01 Datasheet
314Kb / 15P
   2-Bit, 2:1, Single-Ended Multiplexer
logo
ON Semiconductor
MC10E158 ONSEMI-MC10E158_16 Datasheet
154Kb / 8P
   5V ECL 5?륛it 2:1 Multiplexer
July, 2016 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com