Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100E136JZ Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY100E136JZ
Description  6-BIT UNIVERSAL UP/DOWN COUNTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E136JZ Datasheet(HTML) 7 Page - Micrel Semiconductor

  SY100E136JZ Datasheet HTML 1Page - Micrel Semiconductor SY100E136JZ Datasheet HTML 2Page - Micrel Semiconductor SY100E136JZ Datasheet HTML 3Page - Micrel Semiconductor SY100E136JZ Datasheet HTML 4Page - Micrel Semiconductor SY100E136JZ Datasheet HTML 5Page - Micrel Semiconductor SY100E136JZ Datasheet HTML 6Page - Micrel Semiconductor SY100E136JZ Datasheet HTML 7Page - Micrel Semiconductor SY100E136JZ Datasheet HTML 8Page - Micrel Semiconductor SY100E136JZ Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
SY10E136
SY100E136
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
count status for the next occurrence of terminal count on
the LSC. This ripple propagation will not affect the count
frequency as it has 26-1 or 63 clock pulses to ripple through
without affecting the count operation of the chain.
The only limiting factor which could reduce the count
frequency of the chain as compared to a free running single
device will be the set-up time of the CLIN input. This limit
will consist of the CLK to CLOUT delay of the E136, plus the
CLIN set-up time, plus any path length differences between
the CLOUT output and the clock.
Programmable Divider
Using external feedback of the COUT pin, the E136 can
be configured as a programmable divider. Figure 3 illustrates
the configuration for a 6-bit count-down programmable
divider. If for some reason a count-up divider is preferred,
the COUT signal is simply fed back to S2 rather than S1.
Examination of the truth table for the E136 shows that when
both S1 and S2 are LOW, the counter will parallel load on
the next positive transition of the clock. If the S2 input is
low and the S1 input is high, the counter will be in the
count-down mode and will count towards an all zero state
upon successive clock pulses.
Knowing this and the
operation of the COUT output, it becomes a trivial matter to
build programmable dividers.
For a programmable divider, one must to load a
predesignated number into the counter and count to terminal
count. Upon terminal count, the counter should automatically
reload the divide number. With the architecture shown in
Figure 3, when the counter reaches terminal count, the
COUT output, and thus the S1 input, will go LOW.
This,
combined with the low on S2 will cause the counter to load
the inputs present on D0–D5. Upon loading the divide value
into the counter, COUT will go HIGH as the counter is no
longer at terminal count, thereby placing the counter back
into the count mode.
CLK
CIN
CLIN
ACTIVE
LOW
DQ
Figure 2. Look-Ahead-Carry Input Structure
Note from the waveforms that the look-ahead-carry output
(CLOUT) pulses low one clock pulse before the counter
reaches terminal count. Also note that both CLOUT and the
carry-out pin (COUT) of the device pulse low for only one
clock period.
The input structure for look-ahead-carry-in
(CLIN) and carry-in (CIN) is pictured in Figure 2.
The CLIN input is registered and then OR'ed with the CIN
input. From the truth table one can see that both the CIN
and the CLIN inputs must be in a LOW state for the E136 to
be enabled to count (either count up or count down). The
CLIN inputs are driven by the CLOUT output of the lower
order E136 and, therefore, are only asserted for a single
clock period. Since the CLIN input is registered, it must be
asserted one clock period prior to the CIN input.
If the counter previous to a given counter is at terminal
count, its COUT output, and thus the CIN input of the given
counter will be in the "LOW" state. This signals the given
counter that it will need to count one upon the next terminal
count of the least significant counter (LSC).
The CLOUT
output of the LSC will pulse low one clock period before it
reaches terminal count. This CLOUT signal will be clocked
into the CLIN input of the higher order counters on the
following positive clock transition. Since both CIN and CLIN
are in the LOW state, the next clock pulse will cause the
least significant counter to roll over and all higher order
counters, if signaled by the CIN inputs, to count by one.
During the clock pulse in which the higher order counter
is counting by one, the CLIN is clocking in the high signal
presented by the CLOUT of the LSC. The CINs in the higher
order counter will ripple through the chain to update the
CLK
CLOCK
COUT
Q0 – Q5
D0 – D5
S0
S1
"LO"
COUT
Figure 3. 6-bit Programmable Divider
Divide
Preset Data Inputs
Ratio
D5
D4
D3
D2
D1
D0
2L
L
L
L
L
H
3L
L
L
L
H
L
4L
L
L
L
H
H
5L
L
L
H
L
L
**
*
*
*
*
*
**
*
*
*
*
*
36
H
L
L
L
H
H
37
H
L
L
H
L
L
38
H
L
L
H
L
H
**
*
*
*
*
*
**
*
*
*
*
*
62
HH
HH
L
H
63
HH
HH
H
L
64
HH
HH
H
H
Table 1. Preset Inputs Versus Divide Ratio


Similar Part No. - SY100E136JZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E136JC MICREL-SY100E136JC Datasheet
119Kb / 8P
   6-BIT UNIVERSAL UP/DOWN COUNTER
SY100E136JCTR MICREL-SY100E136JCTR Datasheet
119Kb / 8P
   6-BIT UNIVERSAL UP/DOWN COUNTER
More results

Similar Description - SY100E136JZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E136 ONSEMI-MC10E136 Datasheet
172Kb / 9P
   6-BIT UNIVERSAL UP/DOWN COUNTER
1996 REV 2
logo
Micrel Semiconductor
SY10E136 MICREL-SY10E136 Datasheet
119Kb / 8P
   6-BIT UNIVERSAL UP/DOWN COUNTER
logo
ON Semiconductor
MC10E136 ONSEMI-MC10E136_06 Datasheet
158Kb / 12P
   5V ECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
MC10E136 ONSEMI-MC10E136_08 Datasheet
164Kb / 12P
   5VECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
logo
Fairchild Semiconductor
DM74LS469 FAIRCHILD-DM74LS469 Datasheet
143Kb / 8P
   8-Bit Up/Down Counter
logo
LSI Computer Systems
LS7055 LSI-LS7055 Datasheet
89Kb / 6P
   6 DECADE PREDETERMINING UP/DOWN COUNTER
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Toshiba Semiconductor
TC74HC191AP TOSHIBA-TC74HC191AP_07 Datasheet
441Kb / 12P
   4-Bit Binary Up/Down Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com