Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10E136JCTR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY10E136JCTR
Description  6-BIT UNIVERSAL UP/DOWN COUNTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E136JCTR Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY10E136JCTR Datasheet HTML 1Page - Micrel Semiconductor SY10E136JCTR Datasheet HTML 2Page - Micrel Semiconductor SY10E136JCTR Datasheet HTML 3Page - Micrel Semiconductor SY10E136JCTR Datasheet HTML 4Page - Micrel Semiconductor SY10E136JCTR Datasheet HTML 5Page - Micrel Semiconductor SY10E136JCTR Datasheet HTML 6Page - Micrel Semiconductor SY10E136JCTR Datasheet HTML 7Page - Micrel Semiconductor SY10E136JCTR Datasheet HTML 8Page - Micrel Semiconductor SY10E136JCTR Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
SY10E136
SY100E136
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
LOGIC DIAGRAM
APPLICATIONS INFORMATION
Overview
The SY10E/100E136 are 6-bit synchronous, presettable,
cascadable universal counters. Using the S1 and S2 control
pins, the user can select between preset, count up, count
down and hold count. The Master Reset pin will reset the
internal counter and set the COUT, CLOUT and CLIN flip-
flops.
Unlike previous 136-type counters, the carry-out
outputs will go to a high state during the preset operation.
In addition, since the carry-out outputs are registered, they
will not go low if terminal count is loaded into the register.
The look-ahead-carry-out output functions similarly.
Note from the schematic the use of the master information
from the least significant bits for control of the two carry-out
functions. This architecture not only reduces the carry-out
delay, but is essential to incorporate the registered carry-
out functions. In addition to being faster, the resulting carry-
out signals are stable and glitch free because these functions
are registered.
Cascading Multiple E136 Devices
Many applications require counters significantly larger than
the 6 bits available with the E136. For these applications,
several E136 devices can be cascaded to increase the bit
width of the counter to meet the needs of the application.
In the past, cascading several 136-type universal counters
necessarily impacted the maximum count frequency of the
resulting counter chain. This performance impact was the
result of the terminal count signal of the lower order counters
Figure 1. 24-bit Cascaded E136 Counter
having to ripple through the entire counter chain.
As a
result, past counters of this type were not widely used in
large bit counter applications.
An alternative counter architecture similar to the E016
binary counter was implemented to alleviate the need to
ripple propagate the terminal count signal. Unfortunately,
these types of counters require external gating for cascading
designs of more than two devices. In addition to requiring
additional components, these external gates limit the
cascaded count frequency to a value less than the free
running count frequency of a single counter. Although there
is a performance impact with this type of architecture, it is
minor compared to the impact of the ripple propagate
designs. As a result, the E016-type counters have been
used extensively in applications requiring very high speed,
wide bit width synchronous counters.
Several improvements have been incorporated to past
universal counter designs in the E136 universal counter.
These enhancements make the E136 the unparalleled leader
in its class. With the addition of look-ahead-carry features
on the terminal count signal, very large counter chains can
be designed which function at very nearly the same clock
frequency as a single free running device. More importantly,
these counter chains require no external gating. Figure 1
below illustrates the interconnect scheme for using the look-
ahead-carry features of the E136 counter.
CLK
CIN
CLIN
CLOCK
"LO"
"LO"
COUT
LSB
Q0 – Q5
"LO"
MSB
CLK
COUT
CLOUT
111101
111110
111111
Q0 – Q5
Q0 – Q5
Q0 – Q5
CLOUT
D0 – D5
D0 – D5
D0 – D5
D0 – D5
CIN
CLIN
COUT
CLOUT
CIN
CLIN
COUT
CLOUT
CIN
CLIN
COUT
CLOUT
CLK
CLK
CLK
000001
000000


Similar Part No. - SY10E136JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E136JCTR MICREL-SY10E136JCTR Datasheet
119Kb / 8P
   6-BIT UNIVERSAL UP/DOWN COUNTER
More results

Similar Description - SY10E136JCTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E136 ONSEMI-MC10E136 Datasheet
172Kb / 9P
   6-BIT UNIVERSAL UP/DOWN COUNTER
1996 REV 2
logo
Micrel Semiconductor
SY10E136 MICREL-SY10E136 Datasheet
119Kb / 8P
   6-BIT UNIVERSAL UP/DOWN COUNTER
logo
ON Semiconductor
MC10E136 ONSEMI-MC10E136_06 Datasheet
158Kb / 12P
   5V ECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
MC10E136 ONSEMI-MC10E136_08 Datasheet
164Kb / 12P
   5VECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
logo
Fairchild Semiconductor
DM74LS469 FAIRCHILD-DM74LS469 Datasheet
143Kb / 8P
   8-Bit Up/Down Counter
logo
LSI Computer Systems
LS7055 LSI-LS7055 Datasheet
89Kb / 6P
   6 DECADE PREDETERMINING UP/DOWN COUNTER
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Toshiba Semiconductor
TC74HC191AP TOSHIBA-TC74HC191AP_07 Datasheet
441Kb / 12P
   4-Bit Binary Up/Down Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com