Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC0805CX7R110K Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CC0805CX7R110K
Description  CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CC0805CX7R110K Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  CC0805CX7R110K Datasheet HTML 1Page - List of Unclassifed Manufacturers CC0805CX7R110K Datasheet HTML 2Page - List of Unclassifed Manufacturers CC0805CX7R110K Datasheet HTML 3Page - List of Unclassifed Manufacturers CC0805CX7R110K Datasheet HTML 4Page - List of Unclassifed Manufacturers CC0805CX7R110K Datasheet HTML 5Page - List of Unclassifed Manufacturers CC0805CX7R110K Datasheet HTML 6Page - List of Unclassifed Manufacturers CC0805CX7R110K Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Ceramic Capacitors
FC AND FR TYPE [LOWLOSS FOR VHF/UHF]
CLASS I [50,100, 200,300, 500Vdc] AND CLASS II [50Vdc]
Multilayer Ceramic Capacitors for high frequency and
low loss are designed for 100 to 1000MHz power
circuit applications.
FC type
FR type
CAPACITANCE RANGE (Operating
temperature range: -55 to +l25oC [- 67 to +257oF])
Class I
Class II
50,100, 200, 300, 500Vdc
50Vdc
CAPACITANCE AND TOLERANCE
3-5
DOC. NO. 22CB-000111
PART NO. 2203-000013


Similar Part No. - CC0805CX7R110K

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC0805CC7BN YAGEO-CC0805CC7BN Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805CC8BN YAGEO-CC0805CC8BN Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805CC9BN YAGEO-CC0805CC9BN Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805CCNPO0BB121 YAGEO-CC0805CCNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
TDK Electronics
CC0805CCNPO0BB121 TDK-CC0805CCNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC0805CX7R110K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32333-250 TDK-B32333-250 Datasheet
151Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32332 TDK-B32332 Datasheet
260Kb / 8P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32335 TDK-B32335_16 Datasheet
258Kb / 9P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32356 TDK-B32356_16 Datasheet
145Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32330 TDK-B32330 Datasheet
731Kb / 7P
   Film capacitors - AC capacitors Motor run capacitors
B32333-450 TDK-B32333-450 Datasheet
288Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32335-450 TDK-B32335-450 Datasheet
362Kb / 7P
   Film Capacitors ??AC capacitors Motor run capacitors
B32321 TDK-B32321 Datasheet
393Kb / 10P
   Film capacitors ??AC capacitors Motor run capacitors
B32328 TDK-B32328 Datasheet
299Kb / 8P
   Film capacitors - AC capacitors Motor run capacitors
B32320 TDK-B32320_17 Datasheet
130Kb / 8P
   Film Capacitors ??AC Capacitors
B32355 TDK-B32355 Datasheet
262Kb / 7P
   Film Capacitors ??AC Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com