Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMA4NT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # UMA4NT1
Description  Dual Common Emitter Bias Resistor Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UMA4NT1 Datasheet(HTML) 2 Page - ON Semiconductor

  UMA4NT1 Datasheet HTML 1Page - ON Semiconductor UMA4NT1 Datasheet HTML 2Page - ON Semiconductor UMA4NT1 Datasheet HTML 3Page - ON Semiconductor UMA4NT1 Datasheet HTML 4Page - ON Semiconductor UMA4NT1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UMA4NT1, UMA6NT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current
(VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector-Emitter Cutoff Current
(VCB = 50 V, IB = 0)
ICEO
500
nAdc
Emitter-Base Cutoff Current
UMA4NT1
(VEB = 6.0, IC = 5.0 mA)
UMA6NT1
IEBO
0.9
0.2
mAdc
ON CHARACTERISTICS
Collector-Base Breakdown Voltage
(IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
DC Current Gain
UMA4NT1
(VCE = 10 V, IC = 5.0 mA)
UMA6NT1
hFE
160
160
250
250
Collector−Emitter Saturation Voltage
(IC = 10 mA, IB = 0.3 mA)
VCE(SAT)
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
VOL
0.2
Vdc
Output Voltage (off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
VOH
4.9
Vdc
Input Resistor
UMA4NT1
UMA6NT1
R1
7.0
33
10
47
13
61
k
W
Figure 1. Derating Curve
250
200
150
100
50
0
− 50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
RqJA = 833°C/W


Similar Part No. - UMA4NT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UMA4NT1 ONSEMI-UMA4NT1 Datasheet
47Kb / 6P
   Dual Common Emitter Bias Resistor Transistors
March, 2004 ??Rev. 2
More results

Similar Description - UMA4NT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UMA4NT1 ONSEMI-UMA4NT1 Datasheet
47Kb / 6P
   Dual Common Emitter Bias Resistor Transistors
March, 2004 ??Rev. 2
EMA6DXV5T1 ONSEMI-EMA6DXV5T1 Datasheet
40Kb / 4P
   Dual Common Emitter Bias Resistor Transistor PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
September, 2003 ??Rev. 0
NSTB1002DXV5 ONSEMI-NSTB1002DXV5_06 Datasheet
63Kb / 6P
   Dual Common Base?묬ollector Bias Resistor Transistors
January, 2006 ??Rev. 0
UMC2NT1G ONSEMI-UMC2NT1G_11 Datasheet
178Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
December, 2011 ??Rev. 10
UMC2NT1G ONSEMI-UMC2NT1G_V01 Datasheet
211Kb / 12P
   Dual Common Base-Collector Bias Resistor Transistors
January, 2022 ??Rev. 11
NSTB1005DXV5T1G ONSEMI-NSTB1005DXV5T1G Datasheet
108Kb / 5P
   Dual Common Base-Collector Bias Resistor Transistors
October, 2010 ??Rev. 1
EMC2DXV5T1G ONSEMI-EMC2DXV5T1G_14 Datasheet
105Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
May, 2014 ??Rev. 7
NSTB1005DXV5 ONSEMI-NSTB1005DXV5_04 Datasheet
62Kb / 6P
   Dual Common Base-Collector Bias Resistor Transistors
March, 2004 ??Rev. 0
NSB1010XV5T5 ONSEMI-NSB1010XV5T5 Datasheet
100Kb / 6P
   Dual Common Base?묬ollector Bias Resistor Transistors
January, 2005 ??Rev. 0
EMC2DXV5T1 ONSEMI-EMC2DXV5T1 Datasheet
72Kb / 10P
   Dual Common Base-Collector Bias Resistor Transistors
September, 2003 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com