Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMZ1NT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # UMZ1NT1
Description  Complementary Dual General Purpose Amplifier Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UMZ1NT1 Datasheet(HTML) 1 Page - ON Semiconductor

  UMZ1NT1 Datasheet HTML 1Page - ON Semiconductor UMZ1NT1 Datasheet HTML 2Page - ON Semiconductor UMZ1NT1 Datasheet HTML 3Page - ON Semiconductor UMZ1NT1 Datasheet HTML 4Page - ON Semiconductor UMZ1NT1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
May, 2006 − Rev. 5
Publication Order Number:
UMZ1NT1/D
UMZ1NT1
Complementary Dual
General Purpose
Amplifier Transistor
PNP and NPN Surface Mount
Features
High Voltage and High Current: VCEO = 50 V, IC = 200 mA
High hFE: hFE = 200X400
Moisture Sensitivity Level: 1
ESD Rating − Human Body Model: 3A
ESD Rating − Machine Model: C
Pb−Free Package is Available
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Collector−Base Voltage
V(BR)CBO
60
Vdc
Collector−Emitter Voltage
V(BR)CEO
50
Vdc
Emitter−Base Voltage
V(BR)EBO
7.0
Vdc
Collector Current − Continuous
IC
200
mAdc
THERMAL CHARACTERISTICS
Characteristic
(One Junction Heated)
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25
°C
PD
187 (Note 1)
256 (Note 2)
1.5 (Note 1)
2.0 (Note 2)
mW
mW/
°C
Thermal Resistance, Junction-to-Ambient
RqJA
670 (Note 1)
490 (Note 2)
°C/W
Characteristic
(Both Junctions Heated)
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25
°C
PD
250 (Note 1)
385 (Note 2)
2.0 (Note 1)
3.0 (Note 2)
mW
mW/
°C
Thermal Resistance, Junction-to-Ambient
RqJA
493 (Note 1)
325 (Note 2)
°C/W
Thermal Resistance, Junction-to-Lead
RqJL
188 (Note 1)
208 (Note 2)
°C/W
Junction and Storage Temperature
TJ, Tstg
− 55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−4 @ Minimum Pad
2. FR−4 @ 1.0 x 1.0 inch Pad
SC−88
CASE 419B
MARKING DIAGRAM
1
3Z = Device Code
M
= Date Code
G
= Pb−Free Package
Device*
Package
Shipping
ORDERING INFORMATION
UMZ1NT1
SC−88
3000 / Tape & Reel
*The “T1” suffix refers to a 7 inch reel.
Q1
(4)
(5)
(6)
(1)
(2)
(3)
Q2
3Z M
G
G
1
UMZ1NT1G
SC−88
(Pb−Free)
3000 / Tape & Reel
(Note: Microdot may be in either location)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com


Similar Part No. - UMZ1NT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UMZ1NT1G ONSEMI-UMZ1NT1G Datasheet
105Kb / 5P
   Complementary Dual General Purpose Amplifier Transistor
October, 2009 ??Rev. 8
UMZ1NT1G ONSEMI-UMZ1NT1G Datasheet
72Kb / 5P
   Complementary Dual General Purpose Amplifier Transistor
September, 2016 ??Rev. 9
UMZ1NT1G ONSEMI-UMZ1NT1G_16 Datasheet
72Kb / 5P
   Complementary Dual General Purpose Amplifier Transistor
September, 2016 ??Rev. 9
More results

Similar Description - UMZ1NT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UMZ1NT1G ONSEMI-UMZ1NT1G Datasheet
105Kb / 5P
   Complementary Dual General Purpose Amplifier Transistor
October, 2009 ??Rev. 8
HN1B01FDW1T1G ONSEMI-HN1B01FDW1T1G Datasheet
69Kb / 6P
   Complementary Dual General Purpose Amplifier Transistor
June, 2016 ??Rev. 4
UMZ1NT1G ONSEMI-UMZ1NT1G_16 Datasheet
72Kb / 5P
   Complementary Dual General Purpose Amplifier Transistor
September, 2016 ??Rev. 9
logo
Motorola, Inc
MD986 MOTOROLA-MD986 Datasheet
161Kb / 5P
   COMPLEMENTARY DUAL GENERAL PURPOSE TRANSISTOR
logo
ON Semiconductor
NST847BPDP6T5G ONSEMI-NST847BPDP6T5G Datasheet
107Kb / 7P
   Dual Complementary General Purpose Transistor
May, 2008 ??Rev. 0
NST3946DP6T5G ONSEMI-NST3946DP6T5G_14 Datasheet
70Kb / 7P
   Dual Complementary General Purpose Transistor
June, 2014 ??Rev. 2
NST3946DP6T5G ONSEMI-NST3946DP6T5G Datasheet
109Kb / 7P
   Dual Complementary General Purpose Transistor
July, 2008 ??Rev. 1
logo
Pan Jit International I...
IMZ2A PANJIT-IMZ2A Datasheet
598Kb / 5P
   COMPLEMENTARY DUAL GENERAL PURPOSE AMPLIFIER TRANSIS
logo
ON Semiconductor
NST3946DXV6T1G ONSEMI-NST3946DXV6T1G Datasheet
172Kb / 12P
   Complementary General Purpose Transistor
July, 2012 ??Rev. 2
NST3946DXV6 ONSEMI-NST3946DXV6 Datasheet
125Kb / 12P
   Complementary General Purpose Transistor
July, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com