Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA0372DP1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # TCA0372DP1G
Description  1.0 A Output Current, Dual Power Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCA0372DP1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button TCA0372DP1G Datasheet HTML 2Page - ON Semiconductor TCA0372DP1G Datasheet HTML 3Page - ON Semiconductor TCA0372DP1G Datasheet HTML 4Page - ON Semiconductor TCA0372DP1G Datasheet HTML 5Page - ON Semiconductor TCA0372DP1G Datasheet HTML 6Page - ON Semiconductor TCA0372DP1G Datasheet HTML 7Page - ON Semiconductor TCA0372DP1G Datasheet HTML 8Page - ON Semiconductor TCA0372DP1G Datasheet HTML 9Page - ON Semiconductor TCA0372DP1G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TCA0372, TCA0372B
http://onsemi.com
9
PACKAGE DIMENSIONS
SOIC−16W
DW SUFFIX
CASE 751G−03
ISSUE B
D
14X
B
16X
SEATING
PLANE
S
A
M
0.25
B S
T
16
9
8
1
B
A
e
T
C
q
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
3. DIMENSIONS D AND E DO NOT INLCUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.13 TOTAL IN EXCESS
OF THE B DIMENSION AT MAXIMUM MATERIAL
CONDITION.
DIM
MIN
MAX
MILLIMETERS
A
2.35
2.65
A1
0.10
0.25
B
0.35
0.49
C
0.23
0.32
D
10.15
10.45
E
7.40
7.60
e
1.27 BSC
H
10.05
10.55
h
0.25
0.75
L
0.50
0.90
q
0
7
_
_
SOEIAJ−16
DM2 SUFFIX
CASE 966−01
ISSUE O
HE
A1
DIM
MIN
MAX
MIN
MAX
INCHES
−−−
2.05
−−−
0.081
MILLIMETERS
0.05
0.20
0.002
0.008
0.35
0.50
0.014
0.020
0.18
0.27
0.007
0.011
9.90
10.50
0.390
0.413
5.10
5.45
0.201
0.215
1.27 BSC
0.050 BSC
7.40
8.20
0.291
0.323
0.50
0.85
0.020
0.033
1.10
1.50
0.043
0.059
0
0.70
0.90
0.028
0.035
−−−
0.78
−−−
0.031
A1
HE
Q1
LE
_ 10_
0
_ 10_
LE
Q1
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH OR PROTRUSIONS AND ARE MEASURED
AT THE PARTING LINE. MOLD FLASH OR
PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006)
PER SIDE.
4. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
5. THE LEAD WIDTH DIMENSION (b) DOES NOT
INCLUDE DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.08 (0.003)
TOTAL IN EXCESS OF THE LEAD WIDTH
DIMENSION AT MAXIMUM MATERIAL CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT. MINIMUM SPACE
BETWEEN PROTRUSIONS AND ADJACENT LEAD
TO BE 0.46 ( 0.018).
M
L
DETAIL P
VIEW P
c
A
b
e
M
0.13 (0.005)
0.10 (0.004)
1
16
9
8
D
Z
E
A
b
c
D
E
e
L
M
Z


Similar Part No. - TCA0372DP1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA0372DP1 MOTOROLA-TCA0372DP1 Datasheet
158Kb / 8P
   Dual Power Operational Amplifier
logo
ON Semiconductor
TCA0372DP1 ONSEMI-TCA0372DP1 Datasheet
150Kb / 8P
   Dual Power Operational Amplifier
1999 REV 2
More results

Similar Description - TCA0372DP1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV0372BDWR2G ONSEMI-NCV0372BDWR2G Datasheet
188Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
May, 2013 ??Rev. 11
NCS2372 ONSEMI-NCS2372 Datasheet
151Kb / 6P
   1.0 A Output Current Dual Power Operational Amplifiers
July, 2013 ??Rev. 1
logo
Panasonic Semiconductor
AN6567 PANASONIC-AN6567 Datasheet
32Kb / 4P
   Dual High Output Current Operational Amplifiers
logo
Mitsubishi Electric Sem...
M5216 MITSUBISHI-M5216 Datasheet
271Kb / 4P
   Dual Large-Current Operational Amplifiers(Dual Power Supply Type)
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272 Datasheet
110Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA74 APEX-PA74 Datasheet
288Kb / 4P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA21 ETC-PA21 Datasheet
84Kb / 5P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272_03 Datasheet
889Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
L272D013TR STMICROELECTRONICS-L272D013TR Datasheet
898Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA74 CIRRUS-PA74 Datasheet
212Kb / 5P
   Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com