Part Name
         Description
NLAS324_06

 Dual SPST Analog Switch, Low Voltage, Single Supply ( 10 Page)


ONSEMI
100% 
Zoom Out Zoom In
 
 1 page
background image
© Semiconductor Components Industries, LLC, 2006
April, 2006 − Rev. 7
1
Publication Order Number:
NLAS324/D
NLAS324
Dual SPST Analog Switch,
Low Voltage, Single Supply
The NLAS324 is a dual SPST (Single Pole, Single Throw) switch,
similar to 1/2 a standard 4066. The device permits the independent
selection of 2 analog/digital signals. Av ailable in the
Ultra−Small 8 package.
The use of advanced 0.6
m CMOS process, improves the RON
resistance considerably compared to older higher voltage
technologies.
Features
On Resistance is 20 W Typical at 5.0 V
Matching is t W Between Sections
2 − 6 V Operating Range
Ultra Low t 5 pC Charge Injection
Ultra Low Leakage t 1 nA at 5.0 V, 25°C
Wide Bandwidth u 200 MHz, −3 dB
2000 V ESD (HBM)
Ron Flatness $ 6 W at 5.0 V
US8 Package
Negative Enable
Switches are Independent
Pb−Free Package is Available
Figure 1. Pinout
VCC
NC1
COM1
GND
IN2
NC2
1
2
3
8
7
6
COM2
IN1
45
MARKING
DIAGRAM
PIN ASSIGNMENT
1
2
3
IN2
NC1
GND
4
5
COM1
IN1
6
FUNCTION TABLE
L
H
On/Off
Enable Input
State of
Analog Switch
On
Off
7
8
VCC
COM2
NC2
US8
US SUFFIX
CASE 493
8
1
http://onsemi.com
1
8
A7 M
G
G
*Date Code orientation may vary depending
upon manufacturing location.
A7
= Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
Device
Package
Shipping
ORDERING INFORMATION
NLAS324US
US8
3,000 / Tape & Reel
NLAS324USG
US8
(Pb−Free)
3,000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.



Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NLAS9431Low Voltage Single Supply Dual DPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor
NLAST9431Low Voltage Single Supply Dual DPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor
TS12A4516DUAL SUPPLY LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES 1 2 3 4 5 MoreTexas Instruments
NLAS2066Ultra-Small Dual Single Pole Single Throw Analog Switch with Over Voltage Tolerance 1 2 3 4 5 MoreON Semiconductor
M29W010B1 Mbit 128Kb x8 Uniform Block Low Voltage Single Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
TS3A47410.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH 1 2 3 4 5 MoreTexas Instruments
FSA22670.35 ohm Low Voltage Dual-SPDT Analog Switch 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl