Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZ126US Datasheet(PDF) 4 Page - ON Semiconductor

Part # NL27WZ126US
Description  Dual Buffer with 3?뭆tate Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ126US Datasheet(HTML) 4 Page - ON Semiconductor

  NL27WZ126US Datasheet HTML 1Page - ON Semiconductor NL27WZ126US Datasheet HTML 2Page - ON Semiconductor NL27WZ126US Datasheet HTML 3Page - ON Semiconductor NL27WZ126US Datasheet HTML 4Page - ON Semiconductor NL27WZ126US Datasheet HTML 5Page - ON Semiconductor NL27WZ126US Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NL27WZ126
http://onsemi.com
4
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
2.5
pF
COUT
Output Capacitance
VCC = 5.5 V, VI = 0 V or VCC
2.5
pF
CPD
Power Dissipation Capacitance
(Note 7)
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
9
pF
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
11
7. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.
CL*
Figure 3. Switching Waveform
INPUT
RL
*Includes all probe and jig capacitance.
A 1 MHz square input wave is recommended for
propagation delay tests.
Figure 4. tPLH or tPHL
tf = 3 ns
VCC
GND
VOH
VOL
90%
Vmi
10%
tPLH
tPHL
OUTPUT Y
INPUT
A and B
tf = 3 ns
90%
Vmo
10%
OUTPUT
OE = GND
Vmi
Vmo
2.7 V
0 V
≈ 0 V
OE
On
tPZH
≈ 3.0 V
tPHZ
tPZL
tPLZ
On
Vmo
Vmo
Vmi
VCC
VOH − 0.3 V
VOL + 0.3 V
GND
Vmi
Figure 5. AC Output Enable and Disable Waveform


Similar Part No. - NL27WZ126US

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ126US ONSEMI-NL27WZ126US Datasheet
87Kb / 8P
   Dual Buffer with 3-State Outputs
July, 2002 ??Rev. 2
NL27WZ126USG ONSEMI-NL27WZ126USG Datasheet
107Kb / 6P
   Dual Buffer with 3-State Outputs
April, 2012 ??Rev. 8
NL27WZ126USG ONSEMI-NL27WZ126USG Datasheet
76Kb / 6P
   Dual Buffer with 3-State Outputs
August, 2015 ??Rev. 10
NL27WZ126USG ONSEMI-NL27WZ126USG Datasheet
156Kb / 12P
   Dual Buffer with 3-State Outputs
March, 2022 - Rev. 14
More results

Similar Description - NL27WZ126US

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ125 ONSEMI-NL27WZ125_06 Datasheet
71Kb / 5P
   Dual Buffer with 3?뭆tate Outputs
April, 2006 ??Rev. 5
MC74AC125 ONSEMI-MC74AC125_06 Datasheet
142Kb / 9P
   Quad Buffer with 3?뭆tate Outputs
October, 2006 ??Rev. 7
MC74ACT241 ONSEMI-MC74ACT241 Datasheet
94Kb / 8P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 5
MC74AC244 ONSEMI-MC74AC244_06 Datasheet
117Kb / 9P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
September, 2006 ??Rev. 7
MC74AC540 ONSEMI-MC74AC540 Datasheet
131Kb / 12P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 8
SN74LS541 ONSEMI-SN74LS541 Datasheet
202Kb / 6P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
July, 2006 ??Rev. 4
MC74AC240 ONSEMI-MC74AC240_06 Datasheet
108Kb / 10P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74AC253 ONSEMI-MC74AC253 Datasheet
182Kb / 11P
   Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
MC74VHCT240A ONSEMI-MC74VHCT240A_11 Datasheet
146Kb / 7P
   Octal Bus Buffer/Line Driver Inverting with 3?뭆tate Outputs
May, 2011 ??Rev. 6
MC74LVX4245 ONSEMI-MC74LVX4245 Datasheet
88Kb / 10P
   Dual Supply Octal Translating Transceiver with 3?뭆tate Outputs
March, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com