Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTB90N02 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTB90N02
Description  Power MOSFET 90 Amps, 24 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB90N02 Datasheet(HTML) 1 Page - ON Semiconductor

  NTB90N02 Datasheet HTML 1Page - ON Semiconductor NTB90N02 Datasheet HTML 2Page - ON Semiconductor NTB90N02 Datasheet HTML 3Page - ON Semiconductor NTB90N02 Datasheet HTML 4Page - ON Semiconductor NTB90N02 Datasheet HTML 5Page - ON Semiconductor NTB90N02 Datasheet HTML 6Page - ON Semiconductor NTB90N02 Datasheet HTML 7Page - ON Semiconductor NTB90N02 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
March, 2005 − Rev. 2
1
Publication Order Number:
NTB90N02/D
NTB90N02, NTP90N02
Power MOSFET
90 Amps, 24 Volts
N−Channel D2PAK and TO−220
Designed for low voltage, high speed switching applications in
power supplies, converters and power motor controls and bridge
circuits.
Features
Pb−Free Packages are Available
Typical Applications
Power Supplies
Converters
Power Motor Controls
Bridge Circuits
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
24
Vdc
Gate−to−Source Voltage
− Continuous
VGS
"20
Vdc
Drain Current
− Continuous @ TA = 25°C
− Single Pulse (tp = 10 ms)
ID
IDM
90*
200
A
A
Total Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
85
0.66
W
W/
°C
Operating and Storage Temperature
TJ, Tstg
− 55 to +150
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 28 Vdc, VGS = 10 Vdc,
L = 5.0 mH, IL(pk) = 17 A, RG = 25 W)
EAS
733
mJ
Thermal Resistance
Junction−to−Case
Junction−to−Ambient (Note 1)
RqJC
RqJA
1.55
70
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. When surface mounted to an FR4 board using 1
″ pad size, (Cu Area 1.127 in2).
2. When surface mounted to an FR4 board using minimum recommended pad
size, (Cu Area 0.412 in2).
*Chip current capability limited by package.
NTx90N02
AYWW
NTx90N02
AYWW
TO−220AB
CASE 221A
STYLE 5
1
2
3
4
NTx90N02
= Device Code
x
= P or B
A
= Assembly Location
Y
= Year
WW
= Work Week
1
Gate
3
Source
4
Drain
2
Drain
1
Gate
3
Source
4
Drain
2
Drain
1
2
3
4
D2PAK
CASE 418B
STYLE 2
http://onsemi.com
24 V
7.5 m
W @ 4.5 V
5.0 m
W @ 10 V
RDS(on) TYP
90 A
ID MAX
V(BR)DSS
N−Channel
D
S
G
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS


Similar Part No. - NTB90N02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB90N02 ONSEMI-NTB90N02 Datasheet
75Kb / 9P
   Power MOSFET 90 Amps, 24 Volts
October, 2003 ??Rev. 1
NTB90N02T4 ONSEMI-NTB90N02T4 Datasheet
75Kb / 9P
   Power MOSFET 90 Amps, 24 Volts
October, 2003 ??Rev. 1
More results

Similar Description - NTB90N02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB90N02 ONSEMI-NTB90N02 Datasheet
75Kb / 9P
   Power MOSFET 90 Amps, 24 Volts
October, 2003 ??Rev. 1
NTD30N02G ONSEMI-NTD30N02G Datasheet
134Kb / 5P
   Power MOSFET 30 Amps, 24 Volts
February, 2006 ??Rev. 3
NTD30N02 ONSEMI-NTD30N02 Datasheet
53Kb / 6P
   Power MOSFET 30 Amps, 24 Volts
March, 2004 ??Rev. 2
logo
Unisonic Technologies
24N50 UTC-24N50 Datasheet
163Kb / 6P
   24 Amps, 500 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTD85N02R ONSEMI-NTD85N02R Datasheet
73Kb / 10P
   Power MOSFET 85 Amps, 24 Volts N-Channel DPAK
September, 2004 ??Rev. 6
NVD5414NT4G ONSEMI-NVD5414NT4G Datasheet
111Kb / 6P
   Power MOSFET 24 Amps, 60 Volts Single N?묬hannel
October, 2011 ??Rev. 1
NTD95N02R ONSEMI-NTD95N02R Datasheet
71Kb / 6P
   Power MOSFET 95 Amps, 24 Volts N?묬hannel DPAK
July, 2006 ??Rev. 3
NTD5414N ONSEMI-NTD5414N Datasheet
109Kb / 6P
   Power MOSFET 24 Amps, 60 Volts Single N?묬hannel DPAK
October, 2008 ??Rev. 0
NTD24N06L ONSEMI-NTD24N06L Datasheet
87Kb / 8P
   Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
NTD40N03R ONSEMI-NTD40N03R Datasheet
65Kb / 8P
   Power MOSFET 45 Amps, 25 Volts
April, 2004 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com