Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T83C5102XXX-TIRCV Datasheet(PDF) 5 Page - ATMEL Corporation

Part # T83C5102XXX-TIRCV
Description  8-bit Low Pin Count Microcontrollers
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5102XXX-TIRCV Datasheet(HTML) 5 Page - ATMEL Corporation

  T83C5102XXX-TIRCV Datasheet HTML 1Page - ATMEL Corporation T83C5102XXX-TIRCV Datasheet HTML 2Page - ATMEL Corporation T83C5102XXX-TIRCV Datasheet HTML 3Page - ATMEL Corporation T83C5102XXX-TIRCV Datasheet HTML 4Page - ATMEL Corporation T83C5102XXX-TIRCV Datasheet HTML 5Page - ATMEL Corporation T83C5102XXX-TIRCV Datasheet HTML 6Page - ATMEL Corporation T83C5102XXX-TIRCV Datasheet HTML 7Page - ATMEL Corporation T83C5102XXX-TIRCV Datasheet HTML 8Page - ATMEL Corporation T83C5102XXX-TIRCV Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
5
T8xC5101/02
4233G–8051–03/03
T8xC5101/02 Pin Configuration
Mnemonic
Pin Number
Type
Name and Function
24 pins
28
pins
VSS
12
14
I
Ground: 0V reference
VCC
24
28
I
Power Supply: This is the power supply voltage for normal, idle and power-down operation
P1.0-P1.7
13-20
15-20
22-23
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups. Port 1 pins that have 1s
written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs, Port
1 pins that are externally pulled low will source current because of the internal pull-ups. Port 1
also receives the low-order address byte during memory programming and verification.
Alternate functions for Port 1 include:
I/O
T2 (P1.0): Timer/Counter 2 external count input/Clockout
I
T2EX (P1.1): Timer/Counter 2 Reload/Capture/Direction Control
P4.0 (Prog)-P4.1
(Test)
7
8
8
9
O (I)
O (I)
Port 4 bits 0 & 1: Except during programming and verifying, these two bits are output port driving
30 micro Amps at high level and sinking 10 mA at low level (Vol < 1V). If they have 1s written to
them, they output a high level and if they have 0 written to them, they output a low level. These 2
pins cannot be used as inputs. Users should take care to never externally drive these pins
low, especially during reset. These two pins are primarily designed to drive LEDs.
During programming and verifying, these two pins are used as input, as explained in the
corresponding chapter.
A Read or a Read/Modify/Write instruction to these bits will read the status of the output: 1 if the
output is 1, 0 if the output is 0.
P4.2-P4.5
NA
27
7
13
21
I/O
Port 4 bits 2 to 5: bidirectional I/O port with internal pull-ups. Port 4.2 to 4.5 pins that have 1s
written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs, Port
4.2 to 4.5 pins that are externally pulled low will source current because of the internal pull-ups.
P3.0-P3.7
5-1
23-21
5-1
26-24
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3 pins that have 1s
written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs, Port
3 pins that are externally pulled low will source current because of the internal pull-ups. Port 3
also serves the special features of the 80C51 family, as listed below.
5
5
I
RxD (P3.0): Serial input port
4
4
O
TxD (P3.1): Serial output port
33
I
INT0 (P3.2): External interrupt 0
22
I
INT1 (P3.3): External interrupt 1
P4.1/Test
P3.0
RST
XTAL2
XTAL1
P3.1
1
V
PP
P4.0/Prog
Vss
P1.6
P1.4
P1.5
P1.3
P1.1/T2EX
P1.0/T2
P1.2
P3.4/T0
P3.2/INT0
P3.3/INT1
Vcc
P3.5/T1
P3.6
P3.7
P1.7
DIL24
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
SSOP24*
* Check for availability
SO24
P4.1/Test
P3.0
RST
XTAL2
XTAL1
P3.1
1
V
PP
P4.0/Prog
Vss
P1.6
P1.4
P1.5
P1.3
P1.1/T2EX
P1.0/T2
P1.2
P3.4/T0
P3.2/INT0
P3.3/INT1
Vcc
P3.5/T1
P3.6
P3.7
P1.7
2
3
4
5
6
8
9
10
11
12
13
28
27
26
25
24
23
21
20
19
18
17
16
* Check for availability
SO28*
P4.3
7
P4.4
14
15
P4.5
P4.2
22


Similar Part No. - T83C5102XXX-TIRCV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5102XXX-TIRCV ATMEL-T83C5102XXX-TIRCV Datasheet
678Kb / 58P
   8-bit Low Pin Count Microcontrollers
More results

Similar Description - T83C5102XXX-TIRCV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5101 ATMEL-T83C5101_08 Datasheet
678Kb / 58P
   8-bit Low Pin Count Microcontrollers
logo
TEMIC Semiconductors
T87C5101 TEMIC-T87C5101 Datasheet
243Kb / 52P
   8-bit Low pin count Microcontrollers, 0-66 MHz
logo
Fujitsu Component Limit...
MB95200 FUJITSU-MB95200 Datasheet
969Kb / 4P
   Low-Pin-Count Microcontrollers
logo
ATMEL Corporation
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
logo
Microchip Technology
PIC16F18455 MICROCHIP-PIC16F18455 Datasheet
8Mb / 706P
   28-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F1614 MICROCHIP-PIC16F1614 Datasheet
415Kb / 19P
   Full-Featured, Low Pin Count, High-Temperature Microcontrollers
Revision A 2/2019
PIC24FJ64GP205 MICROCHIP-PIC24FJ64GP205 Datasheet
8Mb / 809P
   16-Bit eXtreme Low-Power Microcontrollers with USB in Low Pin Count Packages
Revision D (March 2022)
PIC12CR509 MICROCHIP-PIC12CR509 Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com