Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTB65N02R Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTB65N02R
Description  Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB65N02R Datasheet(HTML) 3 Page - ON Semiconductor

  NTB65N02R Datasheet HTML 1Page - ON Semiconductor NTB65N02R Datasheet HTML 2Page - ON Semiconductor NTB65N02R Datasheet HTML 3Page - ON Semiconductor NTB65N02R Datasheet HTML 4Page - ON Semiconductor NTB65N02R Datasheet HTML 5Page - ON Semiconductor NTB65N02R Datasheet HTML 6Page - ON Semiconductor NTB65N02R Datasheet HTML 7Page - ON Semiconductor NTB65N02R Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NTB65N02R, NTP65N02R
http://onsemi.com
3
0
20
40
60
80
100
120
0
246
8
10
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
0.004
0.008
0.012
0.016
0.02
0.024
0.028
10
20
30
40
50
60
70
80
90
100 110 120
Figure 2. Transfer Characteristics
Figure 3. On−Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (A)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 150°C
TJ = 125°C
TJ = 25°C
TJ = −55°C
VGS = 10 V
0.004
0.008
0.012
0.016
0.02
0.024
0.028
10
20
30
40
50
60
70
80
90
100 110 120
TJ = 25°C
TJ = −55°C
TJ = 150°C
TJ = 125°C
VGS = 4.5 V
Figure 4. On−Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (A)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
−50
−25
0
25
50
75
100
125
150
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
10
100
1000
10000
0
5
10
15
20
25
Figure 6. Drain−to−Source Leakage Current
versus Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 100°C
TJ = 150°C
TJ = 125°C
0
20
40
60
80
100
120
0
123
5
6
TJ = −55°C
TJ = 25°C
TJ = 150°C
VGS = 4.5 V
VGS = 10 V
VGS = 4.0 V
VGS = 6.0 V
VGS = 5.5 V
VGS = 8.0 V
VGS = 5.0 V
VGS = 3.5 V
VGS = 3.0 V
VGS = 2.5 V
VDS w 10 V
ID = 30 A
VGS = 4.5 V and 10 V


Similar Part No. - NTB65N02R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB65N02R ONSEMI-NTB65N02R Datasheet
47Kb / 4P
   Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
October, 2002 ??Rev. 0
NTB65N02RT4 ONSEMI-NTB65N02RT4 Datasheet
47Kb / 4P
   Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
October, 2002 ??Rev. 0
More results

Similar Description - NTB65N02R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP65N02R ONSEMI-NTP65N02R Datasheet
47Kb / 4P
   Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
October, 2002 ??Rev. 0
NTB125N02R ONSEMI-NTB125N02R Datasheet
68Kb / 6P
   Power MOSFET 125 A, 24 V N-Channel TO-220, D2PAK
October, 2003 ??Rev. 4
NTP60N06 ONSEMI-NTP60N06 Datasheet
85Kb / 10P
   60 V, 60 A, N-Channel TO-220 and D2PAK
October, 2004 ??Rev. 3
NTB125N02R ONSEMI-NTB125N02R_06 Datasheet
90Kb / 7P
   Power MOSFET 125 A, 24 V N?묬hannel TO??20, D2PAK
April, 2006 ??Rev. 7
logo
STMicroelectronics
STB20NM50FD STMICROELECTRONICS-STB20NM50FD_08 Datasheet
403Kb / 16P
   N-channel 500 V, 0.22 廓, 20 A D2PAK, TO-220FP, TO-220 FDmesh??Power MOSFET
STB9NK60ZD STMICROELECTRONICS-STB9NK60ZD_08 Datasheet
416Kb / 16P
   N-channel 600 V - 0.85 廓 - 7 A - D2PAK, TO-220FP, TO-220 SuperFREDMesh??Power MOSFET
STB80NF55-08T4 STMICROELECTRONICS-STB80NF55-08T4 Datasheet
368Kb / 15P
   N-channel 55 V, 0.0065 廓, 80 A, TO-220, D2PAK, TO-247 STripFET??Power MOSFET
STB80NF55-08 STMICROELECTRONICS-STB80NF55-08_08 Datasheet
358Kb / 15P
   N-channel 55 V - 0.0065 廓 - 80 A - TO-220 - D2PAK - TO-247 STripFET??Power MOSFET
STP76NF75 STMICROELECTRONICS-STP76NF75 Datasheet
771Kb / 15P
   N-channel 75 V, 0.0095, 80 A TO-220, D2PAK, I2PAK STripFET II Power MOSFET
STB180N10F3 STMICROELECTRONICS-STB180N10F3 Datasheet
256Kb / 12P
   N-channel 100 V, 4.0 m廓, 120 A STripFET??Power MOSFET D2PAK, TO-220
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com