Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZ08 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NL27WZ08
Description  Dual 2?묲nput AND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ08 Datasheet(HTML) 4 Page - ON Semiconductor

  NL27WZ08_06 Datasheet HTML 1Page - ON Semiconductor NL27WZ08_06 Datasheet HTML 2Page - ON Semiconductor NL27WZ08_06 Datasheet HTML 3Page - ON Semiconductor NL27WZ08_06 Datasheet HTML 4Page - ON Semiconductor NL27WZ08_06 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NL27WZ08
http://onsemi.com
4
RL
CL
A 1−MHz square input wave is recommended for
propagation delay tests.
VCC
Figure 3. Switching Waveform
Figure 4. Test Circuit
tf = 3 ns
VCC
GND
VOH
VOL
90%
50%
10%
50%
tPLH
tPHL
OUTPUT Y
INPUT
A and B
tf = 3 ns
90%
50%
10%
50%
DEVICE ORDERING INFORMATION
Device Order Number
Package Type
Tape and Reel Size
NL27WZ08US
US8
178 mm, 3000 Unit / Tape & Reel
NL27WZ08USG
US8
(Pb−Free)
178 mm, 3000 Unit / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NL27WZ08_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ08MQ1TCG ONSEMI-NL27WZ08MQ1TCG Datasheet
185Kb / 11P
   Dual 2-Input AND Gate
January, 2019 ??Rev. 11
NL27WZ08MQ1TCG ONSEMI-NL27WZ08MQ1TCG Datasheet
330Kb / 13P
   Dual 2-Input AND Gate
October, 2020 ??Rev. 14
NL27WZ08MQ2TCG ONSEMI-NL27WZ08MQ2TCG Datasheet
185Kb / 11P
   Dual 2-Input AND Gate
January, 2019 ??Rev. 11
NL27WZ08MQ2TCG ONSEMI-NL27WZ08MQ2TCG Datasheet
330Kb / 13P
   Dual 2-Input AND Gate
October, 2020 ??Rev. 14
NL27WZ08MU1TCG ONSEMI-NL27WZ08MU1TCG Datasheet
185Kb / 11P
   Dual 2-Input AND Gate
January, 2019 ??Rev. 11
More results

Similar Description - NL27WZ08_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ32 ONSEMI-NL27WZ32_06 Datasheet
63Kb / 5P
   Dual 2?묲nput OR Gate
April, 2006 ??Rev. 6
NL27WZ00 ONSEMI-NL27WZ00_06 Datasheet
88Kb / 6P
   Dual 2?묲nput NAND Gate
May, 2006 ??Rev. 6
NL27WZ02 ONSEMI-NL27WZ02_06 Datasheet
63Kb / 5P
   Dual 2?묲nput NOR Gate
May, 2006 ??Rev. 8
NL17SV08XV5T2 ONSEMI-NL17SV08XV5T2 Datasheet
50Kb / 5P
   Single 2?묲nput AND Gate
October, 2005 ??Rev. 4
MC10H104 ONSEMI-MC10H104_06 Datasheet
150Kb / 6P
   Quad 2?묲nput AND Gate
February, 2006 ??Rev. 8
MC74VHCT08A ONSEMI-MC74VHCT08A_06 Datasheet
95Kb / 6P
   Quad 2?묲nput AND Gate
March, 2006 ??Rev. 5
NLSF308 ONSEMI-NLSF308_06 Datasheet
66Kb / 5P
   Quad 2?묲nput AND Gate
May, 2006 ??Rev. 4
MC74AC08 ONSEMI-MC74AC08_06 Datasheet
140Kb / 9P
   Quad 2?묲nput AND Gate
October, 2006 ??Rev. 8
NL17SZ08 ONSEMI-NL17SZ08_06 Datasheet
115Kb / 6P
   Single 2?묲nput AND Gate
March, 2006 ??Rev. 7
MC74HC1G08 ONSEMI-MC74HC1G08_07 Datasheet
85Kb / 6P
   Single 2?묲nput AND Gate
February, 2007 ??Rev. 11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com