Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBIC-1250D5VR Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # GBIC-1250D5VR
Description  RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

GBIC-1250D5VR Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  GBIC-1250D5VR Datasheet HTML 1Page - Delta Electronics, Inc. GBIC-1250D5VR Datasheet HTML 2Page - Delta Electronics, Inc. GBIC-1250D5VR Datasheet HTML 3Page - Delta Electronics, Inc. GBIC-1250D5VR Datasheet HTML 4Page - Delta Electronics, Inc. GBIC-1250D5VR Datasheet HTML 5Page - Delta Electronics, Inc. GBIC-1250D5VR Datasheet HTML 6Page - Delta Electronics, Inc. GBIC-1250D5VR Datasheet HTML 7Page - Delta Electronics, Inc. GBIC-1250D5VR Datasheet HTML 8Page - Delta Electronics, Inc. GBIC-1250D5VR Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
GBIC-1250 Long Distance Series
DELTA ELECTRONICS, INC.
5
2006/09
Rev. 0D
www.deltaww.com
Pin Out Table
Pin Name
Pin#
Sequence
Sequence
Pin#
Pin Name
RX_LOS
1
2
1
11
RGND
RGND
2
2
1
12
-RX_DAT
RGND
3
2
1
13
+RX_DAT
MOD_DEF(0)
4
2
1
14
RGND
MOD_DEF(1)
5
2
2
15
VDDR
MOD_DEF(2)
6
2
2
16
VDDT
TX_DISABLE
7
2
1
17
TGND
TGND
8
2
1
18
+TX_DAT
TGND
9
2
1
19
-TX_DAT
TX_FAULT
10
2
1
20
TGND
Overview of internal interface signal Definition
Pin Name
Pin #
Name/Function
Signal Specification
Receiver Signals
RGND
2,3,11,14 Receiver Ground (may be connected with TGND in GBIC)
Ground, to GBIC
VDDR
15
Receiver +5 volt (may be connected with VDDT in GBIC)
Power, to GBIC
-RX_DAT
12
Receive Data, Differential PECL
High speed serial, from
GBIC
+RX_DAT
13
Receive Data, Differential PECL
High speed serial, from
GBIC
RX_LOS
1
Receiver Loss of Signal, logic high, open collector
compat-ible,4.7 K to 10 K Ohm pullup to VDDT on host
Low speed, from GBIC
Transmitter Signals
TGND
8,9,17,20 Transmitter Ground (may be connected with RGND internally) Ground, to GBIC
VDDT
16
Transmitter +5 volt (may be connected with VDDR in GBIC)
Power, to GBIC
+TX_DAT
18
Transmit Data, Differential PECL
High speed serial, to GBIC
-TX_DAT
19
Transmit Data, Differential PECL
High speed serial, to GBIC
TX_DISABLE
7
Transmitter Disable, logic high, open collector compatible,4.7
K to 10 K Ohm pullup to VDDT on GBIC
Low speed, to GBIC
TX_FAULT
10
Transmitter Fault, logic high, open collector compatible,4.7 K
to 10 K Ohm pullup to VDDT on host
Low speed, from GBIC
Control Signals
MOD_DEF(0)
4
GBIC module definition and presence, bit 0,4.7 K to 10 K Ohm
pullup to VDDT on host
Low speed, from GBIC
MOD_DEF(1)
5
GBIC module definition and presence, bit 1,4.7 K to 10 K Ohm
pullup to VDDT on host
Low speed, from GBIC
MOD_DEF(2)
6
GBIC module definition and presence, bit 2,4.7 K to 10 K Ohm
pullup to VDDT on host
Low speed, from GBIC


Similar Part No. - GBIC-1250D5VR

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
GBIC-1250A3FR DELTA-GBIC-1250A3FR Datasheet
365Kb / 11P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
GBIC-1250A3QR DELTA-GBIC-1250A3QR Datasheet
365Kb / 11P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
GBIC-1250A5FR DELTA-GBIC-1250A5FR Datasheet
365Kb / 11P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
GBIC-1250A5QR DELTA-GBIC-1250A5QR Datasheet
365Kb / 11P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
GBIC-1250B3FR DELTA-GBIC-1250B3FR Datasheet
365Kb / 11P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
More results

Similar Description - GBIC-1250D5VR

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
GBIC-1250A3FR DELTA-GBIC-1250A3FR Datasheet
365Kb / 11P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
logo
Agilent(Hewlett-Packard...
HFBR-5601 HP-HFBR-5601 Datasheet
288Kb / 14P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5601Z AVAGO-AFBR-5601Z Datasheet
482Kb / 13P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
logo
Broadcom Corporation.
AFBR-5601Z BOARDCOM-AFBR-5601Z Datasheet
411Kb / 13P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5601Z AVAGO-AFBR-5601Z_13 Datasheet
411Kb / 13P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
logo
Delta Electronics, Inc.
OPT-1250A1F1R DELTA-OPT-1250A1F1R Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
LC-1250A2F1 DELTA-LC-1250A2F1 Datasheet
95Kb / 9P
   RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
LCP-1250RJ3SR-S DELTA-LCP-1250RJ3SR-S Datasheet
361Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet with SGMII Interface
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
logo
Molex Electronics Ltd.
74740-0001 MOLEX-74740-0001 Datasheet
261Kb / 11P
   1000Base-T RJ-45 Gigabit Ethernet GBIC Copper Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com