Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H24SN12029NNFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # H24SN12029NNFA
Description  Delphi Series H24SN, 350W Half Brick Family DC/DC Power Modules: 18~36Vin, 28V/12.5A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

H24SN12029NNFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  H24SN12029NNFA Datasheet HTML 1Page - Delta Electronics, Inc. H24SN12029NNFA Datasheet HTML 2Page - Delta Electronics, Inc. H24SN12029NNFA Datasheet HTML 3Page - Delta Electronics, Inc. H24SN12029NNFA Datasheet HTML 4Page - Delta Electronics, Inc. H24SN12029NNFA Datasheet HTML 5Page - Delta Electronics, Inc. H24SN12029NNFA Datasheet HTML 6Page - Delta Electronics, Inc. H24SN12029NNFA Datasheet HTML 7Page - Delta Electronics, Inc. H24SN12029NNFA Datasheet HTML 8Page - Delta Electronics, Inc. H24SN12029NNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=24Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
H24SN28012NRFA
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
40
Vdc
Transient (100ms)
100ms
50
Vdc
Operating Temperature
Refer to Fig.20 for measuring point
-40
115
°C
Storage Temperature
-55
125
°C
Input/Output Isolation Voltage
2250
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
18
24
36
Vdc
Input Under-Voltage Lockout
Turn-On Voltage Threshold
17.5
18
Vdc
Turn-Off Voltage Threshold
15.5
16.5
Vdc
Lockout Hysteresis Voltage
1
Vdc
Maximum Input Current
100% Load, 18Vin
24
A
Minimum -Load Input Current
500
mA
Off Converter Input Current
15
mA
Inrush Current(I
2t)
0.5
2
A
2s
Input Reflected-Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
30
mA
Input Voltage Ripple Rejection
120 Hz
60
dB
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=48V, Io=Io.max, Tc=25°C
27.72
28.00
28.28
Vdc
Output Voltage Regulation
Over Load
Io=Io,min to Io,max
±
20
±
56
mV
Over Line
Vin=18V to 36V
±
20
±
112
mV
Over Temperature
Tc=-40°C to 100°C
±
250
±
300
mV
Total Output Voltage Range
over sample load, line and temperature
27.25
28.00
28.75
V
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF Low ESR cap
60
150
mV
RMS
Full Load, 1µF ceramic, 10µF Low ESR cap
14
40
mV
Operating Output Current Range
0.3
12.5
A
Output DC Current-Limit Inception
Output Voltage 10% Low
120
%
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
24V, Tested with a aluminum ,10µF Low ESR cap
and 1µF Ceramic load cap, ΔIo/Δt=1A/µs
Positive Step Change in Output Current
50% Io.max to 75% Io.max
400
mV
Negative Step Change in Output Current
75% Io.max to 50% Io.max
400
mV
Settling Time (within 1% Vout nominal)
300
us
Turn-On Transient
Start-Up Time, From On/Off Control
30
ms
Start-Up Time, From Input
30
ms
Output Capacitive Load
Full load; 5% overshoot of Vout at startup
330
5000
µF
EFFICIENCY
100% Load
90.5
%
60% Load
91.0
%
ISOLATION CHARACTERISTICS
Input to Output
2250
Vdc
Input to Case
2250
Vdc
Output to Case
500
Vdc
Isolation Resistance
10
MΩ
Isolation Capacitance
1900
pF
FEATURE CHARACTERISTICS
Switching Frequency
330
kHz
ON/OFF Control Negative Remote On/Off logic
Logic Low (Module On)
Von/off at Ion/off=1.0mA
0
0.8
V
Logic High (Module Off)
Von/off at Ion/off=0.0 µA
15
V
ON/OFF Control, Positive Remote On/Off logic
Logic Low (Module Off)
Von/off at Ion/off=1.0mA
0
0.8
V
Logic High (Module On)
Von/off at Ion/off=0.0 µA
15
V
ON/OFF Current
Ion/off at Von/off=0.0V
1
mA
Leakage Current
Logic High, Von/off=15V
50
uA
Output Voltage Trim Range
Across Pins 9 & 5, Pout ≦ max rated power
-40
+10
%
Output Voltage Remote Sense Range
Pout ≦ max rated power
0.5
V
Output Over-Voltage Protection
Over full temp range; % of nominal Vout
115
140
%
GENERAL SPECIFICATIONS
MTBF
Io=80% of Io, max; Ta=25°C
2.19
M hours
Weight
62
grams
Over-Temperature Shutdown
Refer to Fig.20 for measuring point
120
°C
H24SN28012_07272006
2


Similar Part No. - H24SN12029NNFA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
H24 MCC-H24 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
logo
Systemsensor advanced i...
H24 SYSTEMSENSOR-H24 Datasheet
113Kb / 4P
   Wall-Mount Horns, Strobes, and Horn/Strobes
logo
Micro Commercial Compon...
H24-1 MCC-H24-1 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
logo
Meder Electronic
H24-1A69 MEDER-H24-1A69 Datasheet
177Kb / 2P
   H Reed Relay
H24-1A69_DE MEDER-H24-1A69_DE Datasheet
171Kb / 2P
   (deutsch) H Reed Relay
More results

Similar Description - H24SN12029NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SN28012 DELTA-H48SN28012 Datasheet
550Kb / 13P
   Delphi Series H48SN, 350W HalfBrick Family DC/DC Power Modules: 48V in, 28V/12.5A out
H48SA28016NYH DELTA-H48SA28016NYH Datasheet
382Kb / 13P
   Delphi Series H48SA, 450W Half Brick Family DC/DC Power Modules: 48V in, 28V/16A out
H48SA12025NNFA DELTA-H48SA12025NNFA_14 Datasheet
508Kb / 15P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules
S24SA1R212NRFA DELTA-S24SA1R212NRFA Datasheet
850Kb / 13P
   Delphi Series S24SA, 2?쓝1??Family DC/DC Power Modules: 18~36Vin, 1.2V, 12A out
H48SA28016NY DELTA-H48SA28016NY_14 Datasheet
382Kb / 14P
   Delphi Series H48SA, 450W Half Brick Family DC/DC Power Modules
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
H48SA53010NNFA DELTA-H48SA53010NNFA Datasheet
1Mb / 13P
   Delphi Series H48SA53010, Half Brick Family DC/DC Power Modules: 48V in, 54V/10.2A out
H48SC3R325PSFA DELTA-H48SC3R325PSFA Datasheet
400Kb / 12P
   Delphi Series H48SC3R325, 85W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/25A out
H48SV3R310 DELTA-H48SV3R310 Datasheet
667Kb / 14P
   Delphi Series H48SV, 150W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/10A out
H48SL1R560 DELTA-H48SL1R560 Datasheet
632Kb / 14P
   Delphi Series H48SL, 200W Half Brick Family DC/DC Power Modules: 48V in, 1.5V/60A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com