Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSDEMP11XV6T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSDEMP11XV6T1G
Description  Common Anode Quad Array Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSDEMP11XV6T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NSDEMP11XV6T1G Datasheet HTML 1Page - ON Semiconductor NSDEMP11XV6T1G Datasheet HTML 2Page - ON Semiconductor NSDEMP11XV6T1G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NSDEMP11XV6T1, NSDEMP11XV6T5
http://onsemi.com
3
PACKAGE DIMENSIONS
HE
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.50
0.55
0.60
b
0.17
0.22
0.27
C
D
1.50
1.60
1.70
E
1.10
1.20
1.30
e
0.5 BSC
L
0.10
0.20
0.30
1.50
1.60
1.70
0.020
0.021
0.023
0.007
0.009
0.011
0.059
0.062
0.066
0.043
0.047
0.051
0.02 BSC
0.004
0.008
0.012
0.059
0.062
0.066
MIN
NOM
MAX
INCHES
SOT−563, 6 LEAD
CASE 463A−01
ISSUE F
e
M
0.08 (0.003)
X
b 65 PL
A
C
−X−
−Y−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD THICKNESS
IS THE MINIMUM THICKNESS OF BASE MATERIAL.
D
E
Y
12
3
4
5
L
6
1.35
0.0531
0.5
0.0197
mm
inches
SCALE 20:1
0.5
0.0197
1.0
0.0394
0.45
0.0177
0.3
0.0118
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
HE
0.08
0.12
0.18
0.003
0.005
0.007
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NSDEMP11XV6T1/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NSDEMP11XV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSDEMP11XV6T1 ONSEMI-NSDEMP11XV6T1 Datasheet
49Kb / 4P
   Common Anode Quad Array Switching Diode
February, 2003 - Rev. 1
NSDEMP11XV6T1 ONSEMI-NSDEMP11XV6T1 Datasheet
53Kb / 4P
   Common Anode Quad Array Switching Diod
February, 2003 - Rev. 1
More results

Similar Description - NSDEMP11XV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSDEMP11XV6T1 ONSEMI-NSDEMP11XV6T1 Datasheet
49Kb / 4P
   Common Anode Quad Array Switching Diode
February, 2003 - Rev. 1
NSEMP11XV6T1 ONSEMI-NSEMP11XV6T1 Datasheet
53Kb / 4P
   Common Anode Quad Array Switching Diod
February, 2003 - Rev. 1
NSDEMN11XV6T1 ONSEMI-NSDEMN11XV6T1 Datasheet
50Kb / 6P
   Common Cathode Quad Array Switching Diode
February, 2003 - Rev. 1
NSDEMN11DXV6T1 ONSEMI-NSDEMN11DXV6T1 Datasheet
54Kb / 4P
   Common Cathode Quad Array Switching Diode
May, 2006 ??Rev. 2
BAW56WT1G ONSEMI-BAW56WT1G Datasheet
124Kb / 4P
   Dual Switching Diode, Common Anode
October, 2010 -- Rev. 6
SBAW56LT1G ONSEMI-SBAW56LT1G Datasheet
121Kb / 4P
   Dual Switching Diode Common Anode
September, 2012 ??Rev. 8
BAW56L ONSEMI-BAW56L Datasheet
94Kb / 4P
   Dual Switching Diode Common Anode
October, 2016 ??Rev. 10
logo
Siemens Semiconductor G...
BAW56 SIEMENS-BAW56 Datasheet
97Kb / 4P
   Silicon Switching Diode Array (For high-speed switching applications Common anode)
BAW56W SIEMENS-BAW56W Datasheet
70Kb / 4P
   Silicon Switching Diode Array (For high speed switching applications Common anode)
logo
ON Semiconductor
BAW56LT1G ONSEMI-BAW56LT1G Datasheet
129Kb / 4P
   Dual Switching Diode Common Anode
August, 2009 ??Rev. 6
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com