Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T83C5101XXX-TIRCL Datasheet(PDF) 10 Page - ATMEL Corporation

Part # T83C5101XXX-TIRCL
Description  8-bit Low Pin Count Microcontrollers
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5101XXX-TIRCL Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button T83C5101XXX-TIRCL Datasheet HTML 6Page - ATMEL Corporation T83C5101XXX-TIRCL Datasheet HTML 7Page - ATMEL Corporation T83C5101XXX-TIRCL Datasheet HTML 8Page - ATMEL Corporation T83C5101XXX-TIRCL Datasheet HTML 9Page - ATMEL Corporation T83C5101XXX-TIRCL Datasheet HTML 10Page - ATMEL Corporation T83C5101XXX-TIRCL Datasheet HTML 11Page - ATMEL Corporation T83C5101XXX-TIRCL Datasheet HTML 12Page - ATMEL Corporation T83C5101XXX-TIRCL Datasheet HTML 13Page - ATMEL Corporation T83C5101XXX-TIRCL Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
10
T8xC5101/02
4233G–8051–03/03
Dual Data Pointer
Register (DPTR)
The additional data pointer can be used to speed up code execution and reduce code
size in a number of ways.
The dual DPTR structure is a way by which the chip will specify the address of an exter-
nal data memory location. There are two 16-bit DPTR registers that address the external
memory, and a single bit called DPS = AUXR1/bit0 (See Table 3.) that allows the pro-
gram code to switch between them (Refer to Figure 3).
Figure 3. Use of Dual Pointer
Table 3. AUXR1: Auxiliary Register 1
Notes:
1. User software should not write 1s to reserved bits. These bits may be used in future
8051 family products to invoke new feature. In that case, the reset value of the new
bit will be 0, and its active value will be 1. The value read from a reserved bit is
indeterminate.
2. GF3 will not be available on first version of the RC devices.
External Data Memory
AUXR1(A2H)
DPS
DPH(83H) DPL(82H)
0
7
DPTR0
DPTR1
(On chip XRAM)
AUXR1
Address 0A2H
-
-
-
-
GF3
0
-
DPS
Reset value
X
X
X
X
0
0
X
0
Symbol
Function
-
Not implemented, reserved for future use.
DPS
Data Pointer Selection.
DPS
Operating Mode(1)
0DPTR0 Selected
1DPTR1 Selected
GF3
This bit is a general purpose user flag
(2)


Similar Part No. - T83C5101XXX-TIRCL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5101XXX-TIRCL ATMEL-T83C5101XXX-TIRCL Datasheet
678Kb / 58P
   8-bit Low Pin Count Microcontrollers
More results

Similar Description - T83C5101XXX-TIRCL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5101 ATMEL-T83C5101_08 Datasheet
678Kb / 58P
   8-bit Low Pin Count Microcontrollers
logo
TEMIC Semiconductors
T87C5101 TEMIC-T87C5101 Datasheet
243Kb / 52P
   8-bit Low pin count Microcontrollers, 0-66 MHz
logo
Fujitsu Component Limit...
MB95200 FUJITSU-MB95200 Datasheet
969Kb / 4P
   Low-Pin-Count Microcontrollers
logo
ATMEL Corporation
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
logo
Microchip Technology
PIC16F18455 MICROCHIP-PIC16F18455 Datasheet
8Mb / 706P
   28-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F1614 MICROCHIP-PIC16F1614 Datasheet
415Kb / 19P
   Full-Featured, Low Pin Count, High-Temperature Microcontrollers
Revision A 2/2019
PIC24FJ64GP205 MICROCHIP-PIC24FJ64GP205 Datasheet
8Mb / 809P
   16-Bit eXtreme Low-Power Microcontrollers with USB in Low Pin Count Packages
Revision D (March 2022)
PIC12CR509 MICROCHIP-PIC12CR509 Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com