Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBIC-1250B5VS Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # GBIC-1250B5VS
Description  RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

GBIC-1250B5VS Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button GBIC-1250B5VS Datasheet HTML 5Page - Delta Electronics, Inc. GBIC-1250B5VS Datasheet HTML 6Page - Delta Electronics, Inc. GBIC-1250B5VS Datasheet HTML 7Page - Delta Electronics, Inc. GBIC-1250B5VS Datasheet HTML 8Page - Delta Electronics, Inc. GBIC-1250B5VS Datasheet HTML 9Page - Delta Electronics, Inc. GBIC-1250B5VS Datasheet HTML 10Page - Delta Electronics, Inc. GBIC-1250B5VS Datasheet HTML 11Page - Delta Electronics, Inc. GBIC-1250B5VS Datasheet HTML 12Page - Delta Electronics, Inc. GBIC-1250B5VS Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
GBIC-1250 Long Distance Series
DELTA ELECTRONICS, INC.
9
2006/09
Rev. 0D
www.deltaww.com
GBIC-1250B5Lx EEPROM Serial ID Memory Contents (2-Wire Address A0h)
Address
Hex ASCII Address Hex ASCII Address Hex ASCII Address Hex ASCII Address Hex ASCII Address Hex ASCII
00
01
25
20
50
35
5
75
SN
100
00
125
00
01
04
26
20
51
4C
L
76
SN
101
00
126
00
02
01
27
20
52
53/52 S/R
77
SN
102
00
127
00
03
00
28
20
53
20
78
SN
103
00
04
00
29
20
54
20
79
SN
104
00
05
00
30
20
55
20
80
SN
105
00
06
02
31
20
56
56
81
SN
106
00
07
12
32
20
57
31
82
SN
107
00
08
00
33
20
58
2D
83
SN
108
00
09
01
34
20
59
30
84
DC Note 3
109
00
10
01
35
20
60
05
85
DC
110
00
11
01
36
00
61
1E
86
DC
111
00
12
0D
37
00
62
00
87
DC
112
00
13
00
38
00
63
CS1 Note 1
88
DC
113
00
14
28
39
00
64
00
89
DC
114
00
15
00
40
47
G
65
1A
90
DC
115
00
16
37
41
42
B
66
05
91
DC
116
00
17
37
42
49
I
67
05
92
00
117
00
18
00
43
43
C
68
SN Note 2
93
00
118
00
19
00
44
2D
-
69
SN
94
00
119
00
20
44
D
45
31
1
70
SN
95
CS2 Note 4
120
00
21
45
E
46
32
2
71
SN
96
00
121
00
22
4C
L
47
35
5
72
SN
97
00
122
00
23
54
T
48
30
0
73
SN
98
00
123
00
24
41
A
49
42
B
74
SN
99
00
124
00
GBIC-1250D5Mx EEPROM Serial ID Memory Contents (2-Wire Address A0h)
Address
Hex ASCII Address Hex ASCII Address Hex ASCII Address Hex ASCII Address Hex ASCII Address Hex ASCII
00
01
25
20
50
35
5
75
SN
100
00
125
00
01
04
26
20
51
4D
M
76
SN
101
00
126
00
02
01
27
20
52
53/52 S/R
77
SN
102
00
127
00
03
00
28
20
53
20
78
SN
103
00
04
00
29
20
54
20
79
SN
104
00
05
00
30
20
55
20
80
SN
105
00
06
02
31
20
56
56
81
SN
106
00
07
12
32
20
57
31
82
SN
107
00
08
00
33
20
58
2D
83
SN
108
00
09
01
34
20
59
30
84
DC Note 3
109
00
10
01
35
20
60
05
85
DC
110
00
11
01
36
00
61
1E
86
DC
111
00
12
0D
37
00
62
00
87
DC
112
00
13
00
38
00
63
CS1 Note 1
88
DC
113
00
14
28
39
00
64
00
89
DC
114
00
15
00
40
47
G
65
1A
90
DC
115
00
16
37
41
42
B
66
05
91
DC
116
00
17
37
42
49
I
67
05
92
00
117
00
18
00
43
43
C
68
SN Note 2
93
00
118
00
19
00
44
2D
-
69
SN
94
00
119
00
20
44
D
45
31
1
70
SN
95
CS2 Note 4
120
00
21
45
E
46
32
2
71
SN
96
00
121
00
22
4C
L
47
35
5
72
SN
97
00
122
00
23
54
T
48
30
0
73
SN
98
00
123
00
24
41
A
49
44
D
74
SN
99
00
124
00


Similar Part No. - GBIC-1250B5VS

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
GBIC-1250B5FR DELTA-GBIC-1250B5FR Datasheet
365Kb / 11P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
GBIC-1250B5QR DELTA-GBIC-1250B5QR Datasheet
365Kb / 11P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
More results

Similar Description - GBIC-1250B5VS

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
GBIC-1250A3FR DELTA-GBIC-1250A3FR Datasheet
365Kb / 11P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
logo
Agilent(Hewlett-Packard...
HFBR-5601 HP-HFBR-5601 Datasheet
288Kb / 14P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5601Z AVAGO-AFBR-5601Z Datasheet
482Kb / 13P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
logo
Broadcom Corporation.
AFBR-5601Z BOARDCOM-AFBR-5601Z Datasheet
411Kb / 13P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5601Z AVAGO-AFBR-5601Z_13 Datasheet
411Kb / 13P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
logo
Delta Electronics, Inc.
OPT-1250A1F1R DELTA-OPT-1250A1F1R Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
LC-1250A2F1 DELTA-LC-1250A2F1 Datasheet
95Kb / 9P
   RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
LCP-1250RJ3SR-S DELTA-LCP-1250RJ3SR-S Datasheet
361Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet with SGMII Interface
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
logo
Molex Electronics Ltd.
74740-0001 MOLEX-74740-0001 Datasheet
261Kb / 11P
   1000Base-T RJ-45 Gigabit Ethernet GBIC Copper Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com