Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNL17SZ74USG Datasheet(PDF) 1 Page - ON Semiconductor

Part # TNL17SZ74USG
Description  Single D Flip Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TNL17SZ74USG Datasheet(HTML) 1 Page - ON Semiconductor

  TNL17SZ74USG Datasheet HTML 1Page - ON Semiconductor TNL17SZ74USG Datasheet HTML 2Page - ON Semiconductor TNL17SZ74USG Datasheet HTML 3Page - ON Semiconductor TNL17SZ74USG Datasheet HTML 4Page - ON Semiconductor TNL17SZ74USG Datasheet HTML 5Page - ON Semiconductor TNL17SZ74USG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
April, 2006 − Rev. 4
1
Publication Order Number:
NL17SZ74/D
NL17SZ74
Single D Flip Flop
The NL17SZ74 is a high performance, full function Edge triggered
D Flip Flop, with all the features of a standard logic device such as the
74LCX74.
Features
Extremely High Speed: tPD 2.6 ns (typical) at VCC = 5.0 V
Designed for 1.65 V to 5.5 V VCC Operation
5.0 V Tolerant Inputs − Interface Capability with 5.0 V TTL Logic
LVTTL Compatible
LVCMOS Compatible
24 mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current (10 mA) Substantially Reduces
System Power Requirements
Replacement for NC7SZ74
Tiny Ultra Small Package Only 2.1 X 3.0 mm
High ESD Ratings: 2000 V Human Body Model
High ESD Ratings:
200 V Machine Model
Chip Complexity: FET = 64
Pb−Free Packages are Available
TRUTH TABLE
Inputs
Outputs
Operating Mode
PR
CLR
CP
D
Q
Q
L
H
L
H
L
L
X
X
X
X
X
X
H
L
H
L
H
H
Asynchronous Set
Asynchronous Clear
Undetermined
H
H
H
H
h
l
H
L
L
H
Load and Read Register
H
H
X
NC
NC
Hold
H
= High Voltage Level
h
= High Voltage Level One Setup Time Prior to the Low−to−High
Clock Transition
L
= Low Voltage Level
l
= Low Voltage Level One Setup Time Prior to the Low−to−High
Clock Transition
NC
= No Change
X
= High or Low Voltage Level and Transitions are Acceptable
= Low−to−High Transition
= Not a Low−to−High Transition
For ICC reasons, DO NOT FLOAT Inputs
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
US8
US SUFFIX
CASE 493
PINOUT DIAGRAM
VCC
PR
CLR
Q
CP
D
Q
GND
1
2
3
4
8
7
6
5
Q
PR
7
5
D
2
CP
1
CLR
6
Q
3
VCC = 8, GND = 4
LOGIC DIAGRAM
M
= Date Code
G
= Pb−Free Package
MH M
G


Similar Part No. - TNL17SZ74USG

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TNL9002 APITECH-TNL9002 Datasheet
640Kb / 1P
   RF Limiting Amplifier Low Phase Shift per dB of Compression
TNL9010 APITECH-TNL9010 Datasheet
86Kb / 1P
   RF LIMITER MODEL
TNL9011 APITECH-TNL9011 Datasheet
76Kb / 1P
   RF LIMITER MODEL
TNL9012 APITECH-TNL9012 Datasheet
667Kb / 1P
   RF Limiting Amplifier Low VSWR: <1.5:1
TNL9017 APITECH-TNL9017 Datasheet
739Kb / 1P
   RF Limiting Amplifier High Output Level: 10 dBm
More results

Similar Description - TNL17SZ74USG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ74 ONSEMI-NL17SZ74 Datasheet
108Kb / 12P
   Single D Flip Flop
May, 2002 ??Rev. 2
NL17SZ74 ONSEMI-NL17SZ74_15 Datasheet
85Kb / 6P
   Single D Flip Flop
June, 2015 ??Rev. 11
NLV17SZ74USG ONSEMI-NLV17SZ74USG Datasheet
127Kb / 6P
   Single D Flip Flop
May, 2013 ??Rev. 10
NLX1G74 ONSEMI-NLX1G74 Datasheet
148Kb / 6P
   Single D Flip-Flop
April, 2009 ??Rev. 0
NLX1G74 ONSEMI-NLX1G74_13 Datasheet
123Kb / 6P
   Single D Flip-Flop
September, 2013 ??Rev. 1
logo
Micrel Semiconductor
SY55852U MICREL-SY55852U Datasheet
54Kb / 7P
   D FLIP-FLOP
SY55852U MICREL-SY55852U_07 Datasheet
56Kb / 7P
   D FLIP-FLOP
SY100S331 MICREL-SY100S331 Datasheet
110Kb / 7P
   TRIPLE D FLIP-FLOP
logo
Motorola, Inc
SN54LS175 MOTOROLA-SN54LS175 Datasheet
171Kb / 5P
   QUAD D FLIP-FLOP
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273 Datasheet
187Kb / 7P
   OCTAL D FLIP-FLOP
May, 2001 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com