Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SR12006NKFH Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # E48SR12006NKFH
Description  Delphi Series E48SR12006, 72W Eighth Brick DC/DC Power Modules: 48V in, 12V/6A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SR12006NKFH Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button E48SR12006NKFH Datasheet HTML 3Page - Delta Electronics, Inc. E48SR12006NKFH Datasheet HTML 4Page - Delta Electronics, Inc. E48SR12006NKFH Datasheet HTML 5Page - Delta Electronics, Inc. E48SR12006NKFH Datasheet HTML 6Page - Delta Electronics, Inc. E48SR12006NKFH Datasheet HTML 7Page - Delta Electronics, Inc. E48SR12006NKFH Datasheet HTML 8Page - Delta Electronics, Inc. E48SR12006NKFH Datasheet HTML 9Page - Delta Electronics, Inc. E48SR12006NKFH Datasheet HTML 10Page - Delta Electronics, Inc. E48SR12006NKFH Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
FEATURES DESCRIPTIONS
Over-Current Protection
The modules include an internal output over-current
protection circuit, which will endure current limiting for an
unlimited duration during output overload. If the output
current exceeds the OCP set point, the modules will
automatically shut down (hiccup mode).
The modules will try to restart after shutdown. If the
overload condition still exists, the module will shut down
again. This restart trial will continue until the overload
condition is corrected.
Over-Voltage Protection
The modules include an internal output over-voltage
protection circuit, which monitors the voltage on the
output terminals. If this voltage exceeds the over-voltage
set point, the module will shut down (Hiccup mode). The
modules will try to restart after shutdown. If the fault
condition still exists, the module will shut down again. This
restart trial will continue until the fault condition is
corrected.
Over-Temperature Protection
The over-temperature protection consists of circuitry that
provides protection from thermal damage. If the
temperature exceeds the over-temperature threshold the
module will shut down.
The module will try to restart after shutdown. If the
over-temperature condition still exists during restart, the
module will shut down again. This restart trial will continue
until the temperature is within specification.
Remote On/Off
The remote on/off feature on the module can be either
negative or positive logic. Negative logic turns the module
on during a logic low and off during logic high. Positive
logic turns the modules on during logic high and off during
logic low.
Remote on/off can be controlled by an external switch
between the on/off terminal and the Vi(-) terminal. The
switch can be an open collector or open drain.
For negative logic if the remote on/off feature is not used,
please short the on/off pin to Vi(-). For positive logic if the
remote on/off feature is not used, please leave the on/off
pin floating.
E48SR12006_03022007
7
Vo(+)
Vi(+)
Vo(-)
Sense(-)
Sense(+)
Vi(-)
ON/OFF
Figure 13: Remote on/off implementation
Remote Sense
Remote sense compensates for voltage drops on the
output by sensing the actual output voltage at the point
of load. The voltage between the remote sense pins
and the output terminals must not exceed the output
voltage sense range given here:
[Vo(+) – Vo(–)] – [SENSE(+) – SENSE(–)] ≤ 10% × Vout
This limit includes any increase in voltage due to
remote sense compensation and output voltage set
point adjustment (trim).
Vi(-)
Vi(+)
Vo(-)
Vo(+)
Sense(+)
Sense(-)
Resistance
Contact
Contact and Distribution
Losses
Figure 14: Effective circuit configuration for remote sense
operation
If the remote sense feature is not used to regulate the
output at the point of load, please connect SENSE(+) to
Vo(+) and SENSE(–) to Vo(–) at the module.
The output voltage can be increased by both the
remote sense and the trim; however, the maximum
increase is the larger of either the remote sense or the
trim, not the sum of both.
When using remote sense and trim, the output voltage
of the module is usually increased, which increases the
power output of the module with the same output
current.
Care should be taken to ensure that the maximum
output power does not exceed the maximum rated
power.


Similar Part No. - E48SR12006NKFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR12006NRFA DELTA-E48SR12006NRFA Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
E48SR12006NRFA DELTA-E48SR12006NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
E48SR12006NRFA DELTA-E48SR12006NRFA Datasheet
951Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
E48SR12006NRFA DELTA-E48SR12006NRFA Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
More results

Similar Description - E48SR12006NKFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
E48SC12005NRFA DELTA-E48SC12005NRFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SP12020NRFA DELTA-E48SP12020NRFA Datasheet
475Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SP12020NRFB DELTA-E48SP12020NRFB Datasheet
472Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
549Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SR12005 DELTA-E48SR12005 Datasheet
774Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SH12010 DELTA-E48SH12010 Datasheet
787Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com