Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ14DFT2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NL17SZ14DFT2G
Description  Single Inverter with Schmitt Trigger
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ14DFT2G Datasheet(HTML) 4 Page - ON Semiconductor

  NL17SZ14DFT2G Datasheet HTML 1Page - ON Semiconductor NL17SZ14DFT2G Datasheet HTML 2Page - ON Semiconductor NL17SZ14DFT2G Datasheet HTML 3Page - ON Semiconductor NL17SZ14DFT2G Datasheet HTML 4Page - ON Semiconductor NL17SZ14DFT2G Datasheet HTML 5Page - ON Semiconductor NL17SZ14DFT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NL17SZ14
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS tR = tF = 3.0 ns
Symbol
Parameter
Condition
VCC
(V)
TA = 255C
*405C v TA v 855C
Unit
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation Delay
(Figure 3 and 4)
RL = 1 MW, CL = 15 pF
1.65
1.8
2.5
$ 0.2
3.3
$ 0.3
5.0
$ 0.5
2.0
2.0
1.0
1.0
0.5
9.1
7.6
5.0
3.7
3.1
15
12.5
9.0
6.3
5.2
2.0
2.0
1.0
1.0
0.5
15.6
13
9.5
6.5
5.5
ns
RL = 500 W, CL = 50 pF
3.3
$ 0.3
5.0
$ 0.5
1.5
0.8
4.4
3.7
7.2
5.9
1.5
0.8
7.5
6.2
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
u4.0
pF
CPD
Power Dissipation Capacitance
(Note 5)
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
25
30
pF
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.
Figure 3. Switching Waveform
INPUT
RL
CL
A 1−MHz square input wave is recommended for
propagation delay tests.
Figure 4. Test Circuit
OUTPUT
VCC
GND
50%
50% VCC
A or B
Y
tPHL
tPLH
DEVICE ORDERING INFORMATION
Device Order
Number
Package
Type
Tape and
Reel Size
NL17SZ14DFT2
SOT−353/SC70−5/SC−88A
3000 / Tape & Reel
NL17SZ14DFT2G
SOT−353/SC70−5/SC−88A
(Pb−Free)
3000 / Tape & Reel
NL17SZ14XV5T2
SOT−553*
3000 / Tape & Reel
NL17SZ14XV5T2G
SOT−553*
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*All Devices in Package SOT553 are Inherently Pb−Free.


Similar Part No. - NL17SZ14DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ14DFT2G ONSEMI-NL17SZ14DFT2G Datasheet
123Kb / 7P
   Single Inverter with Schmitt Trigger
June, 2013 ??Rev. 13
NL17SZ14DFT2G ONSEMI-NL17SZ14DFT2G Datasheet
192Kb / 14P
   Single Inverter with Schmitt Trigger
November, 2018 ??Rev. 14
NL17SZ14DFT2G ONSEMI-NL17SZ14DFT2G Datasheet
161Kb / 13P
   Single Inverter with Schmitt Trigger
May, 2022 - Rev. 18
NL17SZ14DFT2G-L22038 ONSEMI-NL17SZ14DFT2G-L22038 Datasheet
161Kb / 13P
   Single Inverter with Schmitt Trigger
May, 2022 - Rev. 18
More results

Similar Description - NL17SZ14DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ14 ONSEMI-NL17SZ14 Datasheet
80Kb / 8P
   Single Inverter with Schmitt Trigger
May, 2003 - Rev. 4
NL17SZ14 ONSEMI-NL17SZ14_18 Datasheet
192Kb / 14P
   Single Inverter with Schmitt Trigger
November, 2018 ??Rev. 14
NL17SZ14 ONSEMI-NL17SZ14_13 Datasheet
123Kb / 7P
   Single Inverter with Schmitt Trigger
June, 2013 ??Rev. 13
NL17SZ14 ONSEMI-NL17SZ14_V01 Datasheet
161Kb / 13P
   Single Inverter with Schmitt Trigger
May, 2022 - Rev. 18
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
   Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com