Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SR15004PMFA Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # E48SR15004PMFA
Description  Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SR15004PMFA Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  E48SR15004PMFA Datasheet HTML 1Page - Delta Electronics, Inc. E48SR15004PMFA Datasheet HTML 2Page - Delta Electronics, Inc. E48SR15004PMFA Datasheet HTML 3Page - Delta Electronics, Inc. E48SR15004PMFA Datasheet HTML 4Page - Delta Electronics, Inc. E48SR15004PMFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SR15004PMFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SR15004PMFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SR15004PMFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SR15004PMFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ELECTRICAL CHARACTERISTICS CURVES
Figure 8: Output voltage response to step-change in load
current (75%-50%-75% of Io, max; di/dt = 0.1A/µs). Load cap:
10µF tantalum capacitor and 1µF ceramic capacitor. Top Trace:
Vout (0.2V/div,200us/div), Bottom Trace: Iout (1A/div). Scope
measurement should be made using a BNC cable (length
shorter than 20 inches). Position the load between 51 mm to 76
mm (2 inches to 3 inches) from the module
Figure 9: Output voltage response to step-change in load
current (75%-50%-75% of Io, max; di/dt = 2.5A/µs). Load cap:
47µF, 35m
ESR solid electrolytic capacitor and 1µF ceramic
capacitor. Top Trace: Vout (0.2V/div,,200us/div), Bottom Trace:
Iout (1A/div). Scope measurement should be made using a
BNC cable (length shorter than 20 inches). Position the load
between 51 mm to 76 mm (2 inches to 3 inches) from the
module
Figure 10: Test set-up diagram showing measurement points
for Input Terminal Ripple Current and Input Reflected Ripple
Current.
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12 µH. Capacitor Cs offset
possible battery impedance. Measure current as shown above
0
0
0
0
DS_E48SR15004_03022007
5


Similar Part No. - E48SR15004PMFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR15004PMFA DELTA-E48SR15004PMFA Datasheet
951Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
More results

Similar Description - E48SR15004PMFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR15004NRFA DELTA-E48SR15004NRFA Datasheet
951Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R825 DELTA-E48SR1R825 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR3R320 DELTA-E48SR3R320 Datasheet
791Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR2R520NRFA DELTA-E48SR2R520NRFA Datasheet
814Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR12005 DELTA-E48SR12005 Datasheet
774Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com