Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL75L20A Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # FL75L20A
Description  Delphi Series Filter Module 75Vdc max input, 20A max output current The Delphi series FL75L20 A filter module is the latest offering
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FL75L20A Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  FL75L20A Datasheet HTML 1Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 2Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 3Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 4Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 5Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 6Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s filter modules are characterized in heated
vertical
wind
tunnels
that
simulate
the
thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The filter module is mounted on
a test PWB and is vertically positioned within the wind
tunnel. The space between the neighboring PWB and
the top of the power module is 6.35mm (0.25”).
Thermal Derating
Heat can be removed by increasing airflow over the
module. Figure 4 shows maximum output is a function of
ambient temperature and airflow rate. To enhance system
reliability, the power module should always be operated
below the maximum
operating temperature. If the
temperature exceeds the maximum module temperature,
reliability of the unit may be affected.
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
10 (0.4”)
MODULE
AIR FLOW
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
Figure 4: Wind tunnel test setup figure dimensions are
in millimeters and (inches).
OUT
GND
16 mm
(0.63 in)
Figure 5: Temperature measurement location
The allowed maximum hot spot temperature is defined at 110
FL75L20 (Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vin = 48V (Either Orientation)
0
5
10
15
20
25
25
35
45
55
65
75
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
500LFM
600LFM
Figure 6: Output Current vs. Ambient Temperature and Air
Velocity @ Vin = 48V (Either Orientation)


Similar Part No. - FL75L20A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
FL75L20A DELTA-FL75L20A Datasheet
317Kb / 7P
   Delphi Series Filter Module 75Vdc input, 5A current Rating
FL75L20A DELTA-FL75L20A Datasheet
740Kb / 7P
   Delphi Series Filter Module 0~75Vdc input, 7A Current Rating
FL75L20A DELTA-FL75L20A Datasheet
1Mb / 12P
   Delphi Series Filter Module - FL75L07 0~75Vdc input, 7A Current Rating
FL75L20A DELTA-FL75L20A Datasheet
344Kb / 7P
   ROHS Compliant
FL75L20A DELTA-FL75L20A Datasheet
566Kb / 7P
   Industry standard footprint and pin-out
More results

Similar Description - FL75L20A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
FL75L20A DELTA-FL75L20A_12 Datasheet
852Kb / 7P
   Delphi Series Filter Module - FL75L20 75Vdc max input, 20A max output current
FL75L10A DELTA-FL75L10A Datasheet
275Kb / 7P
   Delphi Series Filter Module 75Vdc max input, 10A max output current
FL75L05A DELTA-FL75L05A Datasheet
317Kb / 7P
   Delphi Series Filter Module 75Vdc input, 5A current Rating
FL75L07 DELTA-FL75L07 Datasheet
740Kb / 7P
   Delphi Series Filter Module 0~75Vdc input, 7A Current Rating
FL75L05A DELTA-FL75L05A_12 Datasheet
1Mb / 12P
   Delphi Series Filter Module - FL75L07 0~75Vdc input, 7A Current Rating
DRR-20A DELTA-DRR-20A Datasheet
742Kb / 6P
   The new Redundancy Module DRR 20A is the latest offering from one of the World?셲 No.1 Power Supply Company.
V36SE3R315 DELTA-V36SE3R315 Datasheet
725Kb / 13P
   The Delphi Series V36SE, 1/16th Brick, 18~75V wide input, single output, isolated DC/DC converter, is the latest offering from a world leader in power systems technology and manufacturing
logo
DATEL, Inc.
FT20-100 DATEL-FT20-100_19 Datasheet
97Kb / 1P
   FT series, 20 A Output Current, Filter Module
FT10-100 DATEL-FT10-100 Datasheet
97Kb / 1P
   FT series, 10 A Output Current, Filter Module
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com