Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL75L20A Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # FL75L20A
Description  Delphi Series Filter Module 75Vdc max input, 20A max output current The Delphi series FL75L20 A filter module is the latest offering
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FL75L20A Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  FL75L20A Datasheet HTML 1Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 2Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 3Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 4Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 5Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 6Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPECIFICATIONS
GENERAL SPECIFICATIONS
OUTPUT SPECIFICATIONS
Input voltage, continuous
Typical
0~75V
Output current
Ta=60°C, 2 m/s
20A
Input voltage, transient
Typical
100V
Output current
Ta=70°C, 0 m/s
12A
Operation case temperature Typical
-40℃ ~ 110℃
Common-mode Insertion Loss
50Ω circuit, 500 kHz (Typ)
28dB
Storage temperature
Typical
-55℃ ~ 125℃
Differential-mode Insertion Loss 50Ω circuit, 500 kHz (Typ)
46dB
Size
(2.0”. x 1.6”x 0.5”) 50.8 x 40.6 x 12.7 mm
ELECTRICAL CHARACTERISTICS CURVES
Figure 1: Typical common-mode insertion loss in a 50Ω circuit
Figure 2: Typical differential-mode insertion loss in a 50Ω
circuit
Internal Schematics
Figure 3: Internal schematics
2


Similar Part No. - FL75L20A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
FL75L20A DELTA-FL75L20A Datasheet
317Kb / 7P
   Delphi Series Filter Module 75Vdc input, 5A current Rating
FL75L20A DELTA-FL75L20A Datasheet
740Kb / 7P
   Delphi Series Filter Module 0~75Vdc input, 7A Current Rating
FL75L20A DELTA-FL75L20A Datasheet
1Mb / 12P
   Delphi Series Filter Module - FL75L07 0~75Vdc input, 7A Current Rating
FL75L20A DELTA-FL75L20A Datasheet
344Kb / 7P
   ROHS Compliant
FL75L20A DELTA-FL75L20A Datasheet
566Kb / 7P
   Industry standard footprint and pin-out
More results

Similar Description - FL75L20A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
FL75L20A DELTA-FL75L20A_12 Datasheet
852Kb / 7P
   Delphi Series Filter Module - FL75L20 75Vdc max input, 20A max output current
FL75L10A DELTA-FL75L10A Datasheet
275Kb / 7P
   Delphi Series Filter Module 75Vdc max input, 10A max output current
FL75L05A DELTA-FL75L05A Datasheet
317Kb / 7P
   Delphi Series Filter Module 75Vdc input, 5A current Rating
FL75L07 DELTA-FL75L07 Datasheet
740Kb / 7P
   Delphi Series Filter Module 0~75Vdc input, 7A Current Rating
FL75L05A DELTA-FL75L05A_12 Datasheet
1Mb / 12P
   Delphi Series Filter Module - FL75L07 0~75Vdc input, 7A Current Rating
DRR-20A DELTA-DRR-20A Datasheet
742Kb / 6P
   The new Redundancy Module DRR 20A is the latest offering from one of the World?셲 No.1 Power Supply Company.
V36SE3R315 DELTA-V36SE3R315 Datasheet
725Kb / 13P
   The Delphi Series V36SE, 1/16th Brick, 18~75V wide input, single output, isolated DC/DC converter, is the latest offering from a world leader in power systems technology and manufacturing
logo
DATEL, Inc.
FT20-100 DATEL-FT20-100_19 Datasheet
97Kb / 1P
   FT series, 20 A Output Current, Filter Module
FT10-100 DATEL-FT10-100 Datasheet
97Kb / 1P
   FT series, 10 A Output Current, Filter Module
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com